Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4124 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS4124
Description  High Side PWM FET Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4124 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS4124 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
150mA Peak PWM Gate
Drive Output
s
Patented Voltage
Compensation Circuit
s
100% Duty Cycle
Capability
s
5V, ± 3% Linear Regulator
s
Low Current Sleep Mode
s
Overvoltage Protection
s
Boost Mode Power
Supply
s
Output Inhibit
Package Option
High Side PWM FET Controller
CS4124
Description
Applications Diagram
Preliminary
1
OUTPUT
Gnd
INH
IADJ
PMP
SNI
VREG
BOOST
FLT
ROSC
COSC
CTL
PGnd
VCC
ISENSE+
ISENSE-
16 Lead PDIP
1195
Consult Factory for 16 Lead SOIC
Wide package.
Rev. 4/26/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®
The CS4124 is a monolithic integrat-
ed circuit designed primarily to
control the rotor speed of perma-
nent magnet, direct current (DC)
brush motors. It drives the gate of
an N channel power MOSFET or
IGBT with a user-adjustable, fixed
frequency, variable duty cycle,
pulse width modulated (PWM) sig-
nal. The CS4124 can also be used to
control other loads such as incan-
descent bulbs and solenoids.
Inductive current from the motor or
solenoid is recirculated through an
external diode.
The CS4124 accepts a DC level
input signal of 0 to 5V to control the
pulse width of the output signal.
This signal can be generated by a
potentiometer referenced to the on-
chip 5V linear regulator, or a fil-
tered 0% to 100% PWM signal also
referenced to the 5V regulator.
The IC is placed in a sleep state by
pulling the CTL lead below 0.5V. In
this mode everything on the chip is
shutdown except for the on-chip
regulator and the overall current
draw is less than 275µA. There are a
number of on-chip diagnostics that
look for potential failure modes and
can disable the external power
MOSFET.
VBAT 42.5µH
1000µF
1000µF
10K
10nF
100µF
.01µF
CFLT
.25µF
ROSC
COSC 470pF
93.1K
OUTPUT Gnd
INH
BOOST
FLT
ROSC
IADJ
PMP
SNI
VREG
COSC
CTL
PGnd
VCC
P1
N1
10µF
10K
100K
10K
10K
10K
RCS1
51
RCS2
51
CCS
.022µF
10K
10K
Input
470µH
MOT+
RGATE 6
RSENSE
4m
RSNI
4
1.5µF
1µF
1M
ISENSE+
ISENSE-
MOT-
RS
10


Similar Part No. - CS4124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Power Analog Micoelectr...
CS412499C PAM-CS412499C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4124YN16 ONSEMI-CS4124YN16 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
More results

Similar Description - CS4124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Cherry Semiconductor Co...
CS7054 CHERRY-CS7054 Datasheet
143Kb / 6P
   Low Side PWM FET Controller
logo
ON Semiconductor
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
   Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
   High-Speed, Low-Side PWM Controller
10/28/13
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com