Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-01-2085 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-01-2085
Description  Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39-01-2085 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-01-2085 Datasheet HTML 1Page - Molex Electronics Ltd. 39-01-2085 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39-01-2085
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit Jr.™ Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits,
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5557
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information. . Use with Strain Relief.
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
800753584358
Physical
Breakaway
No
Circuits (maximum)
8
Color - Resin
Natural
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
1.775/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
5557-08R-210
Reference - Drawing Numbers
Product Specification
PS-45750-001, PS-5556-001, RPS-5557-004,
RPS-5557-024, RPS-5557-031, RPS-5557-036,
RPS-5557-050, RPS-5557-058
Sales Drawing
SD-5557-003
Test Summary
TS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5557Series
Mates With
5559 Dual Row, 5566 Vertical with Pegs,
5566 Vertical without Pegs, 5569 Right
Angle Dual Row with Flanges, 5569 Right
Angle Dual Row with Pegs, 43810 , 44068 ,
44281 , 87427 , 42404 , 42440
Use With
5556 Mini-Fit® Female Crimp Terminals,
45750 Mini-Fit® Plus HCS Crimp Terminal


Similar Part No. - 39-01-2085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-2085 MOLEX3-39-01-2085 Datasheet
300Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits,
39-01-2085 MOLEX11-39-01-2085 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 8 Circuits,
More results

Similar Description - 39-01-2085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039012085 MOLEX1-0039012085_18 Datasheet
32Kb / 1P
   Mini-Fit Jr. Receptacle Housing, Dual Row, 8 Circuits, UL 94V-0, Natural
39-01-2105 MOLEX11-39-01-2105 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 10 Circuits
39-01-2225 MOLEX11-39-01-2225 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 22 Circuits
39-01-2185 MOLEX11-39-01-2185 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
39-01-2125 MOLEX11-39-01-2125 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 12 Circuits
39-01-2165 MOLEX11-39-01-2165 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 16 Circuits
39-01-2205 MOLEX11-39-01-2205 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 20 Circuits
39-01-2025 MOLEX11-39-01-2025 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 2 Circuits
39-01-2245 MOLEX11-39-01-2245 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 24 Circuits
39-01-2145 MOLEX11-39-01-2145 Datasheet
41Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-0, 14 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com