Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4172 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS4172
Description  Single Air-Core Gauge Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4172 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS4172 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4172 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4172 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4172 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4172 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4172 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Thermal
16 Lead
16 Lead
Data
PDIP
SO Wide*
RQJC typ
42
18
ûC/W
RQJA typ
80
75
ûC/W
6
Part Number
Description
CS4172XN16
16 Lead PDIP
CS4172XDWF16
16 Lead SO Wide*
CS4172XDWFR16
16 Lead SO Wide* (tape & reel)
D
Lead Count
Metric
English
Max
Min
Max
Min
16 Lead PDIP
19.69
18.67
.775
.735
16 Lead SO Wide*
10.50
10.10
.413
.398
© 1999 Cherry Semiconductor Corporation
Rev. 4/19/99
Ordering Information
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
*Internally Fused Leads
Surface Mount Wide Body (DW); 300 mil wide
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)


Similar Part No. - CS4172

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XDWF16 ONSEMI-CS4172XDWF16 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XDWFR16 ONSEMI-CS4172XDWFR16 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4172XN16 ONSEMI-CS4172XN16 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
More results

Similar Description - CS4172

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
   Air-Core Meter Driver
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com