Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS452 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS452
Description  2.4A/4.4A Injector Solenoid Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS452 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS452 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS452 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS452 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS452 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS452 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
The CS452/453 is provided with an input lead (VIN) which
turns the injector driver ÓonÒ and ÓoffÒ. This lead has a
nominal trip level of 1.4V and an input impedance of
20k½. It is internally protected against negative voltages
and is compatible with TTL and most other logic.
There is also a control lead (CONTROL) which if held low
or grounded, permits the device to operate in saturation to
Ipk(sense), where it will switch to Isus automatically. If CON-
TROL is brought high (>1.5V), the output drive stage is
turned off, regardless of what state the input (VIN) is at,
and the output current goes to zero.
Figure 1 shows the operating waveforms for the simplest
mode; i.e., with CONTROL grounded. When the driver is
turned on, the current ramps up to the peak current sense
level, where some overshoot occurs because of internal
delay. The CS452/453 then reduces its output to Isus. The
fall time of the device is very rapid (²1.0µs), but the decay
of the load current takes 150 to 220 µs, while dumping the
load energy into the protection Zener clamp.
It is essential that the Zener voltage be lower than the
V(BR)CEO(sus), but not so low as to greatly stretch the load
current decay time. Without the zener, the discharge of the
load energy would be totally into the CS452/453, which, for
the high current applications, could cause the device to fail.
Also in figure 1 is the graphically derived instantaneous
power dissipation of the CS452/453. It shows that, for
practical purposes, the worst case dissipation is less than
(Isus) (VBAT) (duty cycle).
Figure 2. Switching Waveforms (Expanded Time Scale)
Figure3. Switching Speed vs. Temperature
1.5
140
120
100
80
60
40
20
0
-20
-40
2.0
1.0
0.5
0
Case Temperature (ûC)
ts
tf
tv
0
90%
1.0
2.0
3.0
ms
Ipk
10%
0
Vl Turn
Off
Output
Voltage
Output
Current
ts
tv tf
Figure 4. Application of CONTROL
Provided in Figures 2,3, and 4 are definitions of the
switching intervals specified in the Electrical
Characteristics. Figure 3 shows that the critical switching
parameters stay under control at elevated temperatures.
In those applications where high voltage transients may
occur while the output lead (OUT) is in the Isus mode,
excessive instantaneous power dissipation may occur,
causing device failure. When this condition occurs, the
control lead (CONTROL) can be used to shut off the out-
put stage in order to protect the CS452/453. As long as
CONTROL is in the high state (>1.5 volts, typ.), the output
will remain off. One method of sensing the supply voltage
and controlling CONTROL is to use a resistor divider
between the supply voltage and ground with CONTROL
connected to the resistor divider (see Typical Application
diagram).
Another application option of the control lead is to use it
to accomplish an enable/disable function. Since CON-
TROL is compatible with TTL and CMOS logic levels, a
logic low will enable the output, and allow it to follow the
input signal at VIN. If CONTROL is held at a logic high,
the output will be disabled regardless of the state of the
input signal.
If the control function is not being used in the application,
it must be grounded or otherwise placed in a logic low
state. If CONTROL is left open, the output stage will
remain off.
The output current in the Isus mode should be oscillation
free. There is a possibility that in a given application, the
output current could oscillate for a small fraction of parts.
If this was to occur, the remedy is place a capacitor from
OUT to Ground. The value of the capacitor should not
exceed 0.01µF.
>1.4V
>1.5V
Ipk
Isus
Input
Signal
VIN
Control
Signal
CONTROL
Output
Current
tl
Application Information


Similar Part No. - CS452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
   2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
Cirrus Logic
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525-CNZ CIRRUS-CS4525-CNZ Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
More results

Similar Description - CS452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
   2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
   Quad Low Side Injector Driver
V1.3, December 2008
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
   Multifunctional Ignition and Injector Driver
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
   Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Pepperl+Fuchs Inc.
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
   Solenoid Driver
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
   Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
   Solenoid Driver
HIC2873 PF-HIC2873 Datasheet
733Kb / 5P
   Solenoid Driver
KCD0-SD3-EX1.1245 PF-KCD0-SD3-EX1.1245 Datasheet
882Kb / 4P
   Solenoid Driver
HIC2883 PF-HIC2883 Datasheet
947Kb / 6P
   Solenoid Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com