Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD2420 Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # SMD2420
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SMD2420 Datasheet(HTML) 5 Page - Honeywell Accelerometers

  SMD2420 Datasheet HTML 1Page - Honeywell Accelerometers SMD2420 Datasheet HTML 2Page - Honeywell Accelerometers SMD2420 Datasheet HTML 3Page - Honeywell Accelerometers SMD2420 Datasheet HTML 4Page - Honeywell Accelerometers SMD2420 Datasheet HTML 5Page - Honeywell Accelerometers SMD2420 Datasheet HTML 6Page - Honeywell Accelerometers SMD2420 Datasheet HTML 7Page - Honeywell Accelerometers SMD2420 Datasheet HTML 8Page - Honeywell Accelerometers SMD2420 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SD1410(L)
SD2410
SD3410
SD5410
SDP8105
SDP8106
Package style
coaxial, leaded case miniature pill
TO-46 flat window
TO-46 dome lensed T1
side-detecting
Angular response
24°
48°
90°
12°
50°
50°
Light current minimum
0.6 mA
1 mA
0.6 mA
2 mA
0.5 mA
1 mA
Dark current
250 nA
250 nA
250 nA
250 nA
250 nA
250 nA
Rise/fall time
75
ms typ.
75
ms typ.
75
ms typ.
75
ms typ.
75
ms typ.
75
ms typ.
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round
leads
0.062 in hole
0.018 in round
leads
0.018 in round
leads
0.020 in sq leads
0.020 in sq leads
HOA096X/HOA097X
HOA696X/HOA697X
HOA698X/HOA699X
HOA7720/HOA7730
Housing type (material)
transmissive/opaque
transmissive/opaque
transmissive/opaque
transmissive
Sensor aperture
1,52 mm x 0,25 mm
[0.06 in x 0.01 in];
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
1,52 mm x 0,25 mm
[0.06 in x 0.01 in];
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
1,52 mm x 0,25 mm
[0.06 in x 0.01 in];
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
1,78 mm x 0,51 mm
[0.07 in x 0.02 in];
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
Slot width
3,18 mm [0.125 in]
3,18 mm [0.125 in]
3,18 mm [0.125 in]
3 mm [0.118 in]
Output (type)
10 kOhm pull-up
open collector/totem-pole
10 kOhm pull-up
open collector/totem-pole
10 kOhm pull-up
totem-pole/open collector
Output logic
buffer/inverter
buffer/inverter
buffer/inverter
inverter
Supply voltage (range)
4.5 V to 10 V
4.5 V to 7 V
4.5 V to 12 V
4.5 V to 5.5 V
Rise/fall time
60 ns tr/15 ns tf
70 ns tr/70 ns tf
70 ns tr/70 ns tf
70 ns tr/70 ns tf
Propagation delay
5
ms
5
ms
5
ms
5
ms
Mounting configuration
N, L, T, P mounting options
N, L, T, P mounting options
N, L, T, P mounting options
mounting tabs
Termination style
0.020 in sq leads
0.020 in sq leads
26 AWG wire leads
integral 3-pin connector
www.honeywell.com/sensing
5
Photodarlington
Detectors
Optoschmitt
Sensors


Similar Part No. - SMD2420

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SMD2420 HONEYWELL-ACC-SMD2420 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SMD2420-001 HONEYWELL-ACC-SMD2420-001 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
SMD2420-011 HONEYWELL-ACC-SMD2420-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
SMD2420-021 HONEYWELL-ACC-SMD2420-021 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
More results

Similar Description - SMD2420

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com