Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110-0027-2-73 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 110-0027-2-73
Description  Push-Pull Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110-0027-2-73 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 110-0027-2-73 Datasheet HTML 3Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 4Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 5Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 6Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 7Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 8Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 9Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 10Page - List of Unclassifed Manufacturers 110-0027-2-73 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
185
HR10 SeriesPush-Pull Connectors
Receptacle (Dip type)
Dust cap
Unit : mm
HRS No.
Part No.
No.of pins
ØA
ØB
C
D
E
F
G
Weight Remarks
110-0314-4-73
HR10A-7R-4SB(73)
4
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-0315-7-73
HR10A-7R-4PB(73)
4
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-0322-2-73
HR10A-7R-5SB(73)
5
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-0316-0-73
HR10A-7R-6SB(73)
6
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-0317-2-73
HR10A-7R-6PB(73)
6
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-0413-6-71
HR10A-10R-10SB(71)
10
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-0414-9-71
HR10A-10R-10PB(71)
10
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-0415-1-71
HR10A-10R-12SB(71)
12
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-0416-4-71
HR10A-10R-12PB(71)
12
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-0707-7-73
HR10A-13R-20SB(73)
20
18
15.4
M14×0.75
17
9.3
0
17.8
8g
110-0708-0-73
HR10A-13R-20PB(73)
20
18
15.4
M14×0.75
17
9.3
0
17.8
8g
110-1801-0-73
HR10G-7R-4SB(73)
4
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
Shield type
110-1802-3-73
HR10G-7R-4PB(73)
4
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-1805-1-73
HR10G-7R-6SB(73)
6
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-1806-4-73
HR10G-7R-6PB(73)
6
11
8.85
M8×0.5
10
6.3
0.5
15.6
3g
110-1807-7-71
HR10G-10R-10SB(71)
10
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-1808-0-71
HR10G-10R-10PB(71)
10
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-1809-2-71
HR10G-10R-12SB(71)
12
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-1810-1-71
HR10G-10R-12PB(71)
12
14
11.9
M11×0.75
13
6.3
0.5
15.6
5g
110-1811-4-73
HR10G-13R-20SB(73)
20
18
15.4
M14×0.75
17
9.3
0
17.8
8g
110-1812-7-73
HR10G-13R-20PB(73)
20
18
15.4
M14×0.75
17
9.3
0
17.8
8g
Remarks : 1.For mounting holes, see page 198.
2.For dip post arrangement, see page 193.
Unit : mm
HRS No.
Part No.
ØA
B
ØC
ØD
ØE
110-0058-6-00
HR10-7R-C
11
7
8
11.2
13
110-0052-0-00
HR10-10R-C
14
8.5
10.8
14
15
110-0452-8-00
HR10A-13R-C
17.5
11.5
14
18.1
19
HR10A-7R-6SB(73)
HR10-7R-C
(An example in shape)
(An example in shape)
HR10G-10R-12SB(71)
Dip post dia.
0.2×0.5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - 110-0027-2-73

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
110-000-01-50 MARL-110-000-01-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-50 MARL-110-000-04-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-51 MARL-110-000-04-51 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-52 MARL-110-000-04-52 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-53 MARL-110-000-04-53 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
More results

Similar Description - 110-0027-2-73

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
   PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
   Push-Pull Connectors
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
   pUSH-pULL CONNECTORS
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
   Push-Pull Circular connectors
2018/12
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
   Miniature Push-Pull Circular Connectors
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
   Miniature Push-Pull Circular Connectors
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com