Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110-0401-7-73 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 110-0401-7-73
Description  Push-Pull Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110-0401-7-73 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 110-0401-7-73 Datasheet HTML 5Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 6Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 7Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 8Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 9Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 10Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 11Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 12Page - List of Unclassifed Manufacturers 110-0401-7-73 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
187
HR10 SeriesPush-Pull Connectors
Plug
Receptacle
Unit : mm
HRS No.
Part No.
A
ØB
Applicable coaxial contact
110-0901-0-73
HR10B-10P-10PC(73)
50
5
HR10B-2.5CJ(73)
110-0906-3-73
HR10B-10PA-10PC(73)
43
7
HR10B-2.5CJ(73)
Unit : mm
HRS No.
Part No.
Applicable coaxial contact
110-0902-2-71
HR10B-10R-10SC(71)
HR10B-2.5CP(73)
Remarks : For mounting holes, see page 198.
HR10B Type Connector
The HR10B connector combines 10 signal lines and one coaxial contact in the standard number 10 shell. Electrical
performance are same as HR10A connector except coaxial contacts. Performance specifications for the coaxial
contacts are on the next page.
HR10B-10P-10PC(73)
HR10B-10R-10SC(71)
(An example in shape)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - 110-0401-7-73

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
110-000-01-50 MARL-110-000-01-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-50 MARL-110-000-04-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-51 MARL-110-000-04-51 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-52 MARL-110-000-04-52 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-000-04-53 MARL-110-000-04-53 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
More results

Similar Description - 110-0401-7-73

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
   PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
   Push-Pull Connectors
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
   pUSH-pULL CONNECTORS
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
   Push-Pull Circular connectors
2018/12
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
   Miniature Push-Pull Circular Connectors
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
   Miniature Push-Pull Circular Connectors
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com