Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5557-18R Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5557-18R
Description  Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 18 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5557-18R Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5557-18R Datasheet HTML 1Page - Molex Electronics Ltd. 5557-18R Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39-01-2180
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit Jr.™ Receptacle Housing, Dual Row, UL 94V-2, 18 Circuits
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5557
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.. Glow Wire Equivalent Part.
MolexKits
Yes
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
800753583986
Physical
Breakaway
No
Circuits (maximum)
18
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
3598.300/mg
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
5557-18R
Reference - Drawing Numbers
Product Specification
PS-45750-001, PS-5556-001, RPS-501566-001
Sales Drawing
SD-5557-003
Test Summary
TS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5557Series
Mates With
5559 Dual Row, 5566 Vertical with Pegs,
5566 Vertical without Pegs, 5569 Right
Angle Dual Row with Flanges, 5569 Right
Angle Dual Row with Pegs, 43810 , 44068 ,
44281 , 87427 , 42404 , 42440
Use With
5556 Mini-Fit® Female Crimp Terminals,
45750 Mini-Fit® Plus HCS Crimp Terminal


Similar Part No. - 5557-18R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5557-18R MOLEX3-5557-18R Datasheet
301Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-2, 18 Circuits
5557-18R-210 MOLEX3-5557-18R-210 Datasheet
301Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
5557-18R-210 MOLEX11-5557-18R-210 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
5557-18R-225 MOLEX3-5557-18R-225 Datasheet
297Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 18 Circuits, Glow Wire Compatible
5557-18R-225 MOLEX11-5557-18R-225 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 18
More results

Similar Description - 5557-18R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039012180 MOLEX1-0039012180_18 Datasheet
32Kb / 1P
   Mini-Fit Jr. Receptacle Housing, Dual Row, 18 Circuits, UL 94V-2, Natural
39-01-2185 MOLEX11-39-01-2185 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
39-01-2020 MOLEX11-39-01-2020 Datasheet
41Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-2, 2 Circuits
39-01-2240 MOLEX11-39-01-2240 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 24 Circuits
39-01-2080 MOLEX11-39-01-2080 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 8 Circuits
39-01-2160 MOLEX11-39-01-2160 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 16 Circuits
39-01-2220 MOLEX11-39-01-2220 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 22 Circuits
39-01-2100 MOLEX11-39-01-2100 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 10 Circuits
39-01-2120 MOLEX11-39-01-2120 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 12 Circuits
39-01-2140 MOLEX11-39-01-2140 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 14 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com