Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M34
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M34 Datasheet(HTML) 4 Page - Vishay Siliconix

  M34 Datasheet HTML 1Page - Vishay Siliconix M34 Datasheet HTML 2Page - Vishay Siliconix M34 Datasheet HTML 3Page - Vishay Siliconix M34 Datasheet HTML 4Page - Vishay Siliconix M34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M34
www.vishay.com
Vishay
Revision: 28-Jul-11
4
Document Number: 40106
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Hermeticity
MIL-PRF-39006
There shall be no evidence of leakage after
testing to MIL-PRF-39006 specifications.
Moisture resistance
MIL-PRF-39006
Tested in accordance to MIL-PRF-39006 for
30 cycles.
Altitude
MIL-STD-202G, method 105 D
100 000 feet test
MECHANICAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Thermal shock
MIL-STD-202G, method 107 A
Per M39006 and DSCC93026, 30 cycles
Shock
MIL-STD-202G, method 213 I
Per M39006 and DSCC93026, 100 g
Vibration (high frequency)
MIL-STD-202G, method 204 D
Per M39006 and DSCC93026, 20 g
Resistance to solder heat
MIL-STD-202G, method 210 F
Terminals at 260 °C for 10 s. The capacitor
must not be visibly damaged and the electrical
characteristics must not be affected.
Solderability
ANSI J-STD-002
The terminations must be solderable per the
MIL standard.
Terminals
MIL-STD-1276
All terminals shall be permanently secured
internally and externally, as applicable. All
external joints shall be welded.
Part markings
MIL-STD-1285
The part marking shall include Vishay name,
trademark, capacitance, voltage, date code
and lot symbol.
Weight (typical) in g
3.5
PAD DIMENSIONS in millimeters
CASE CODE
A (MIN.)
B (NOM.)
C (NOM.)
D (NOM.)
C
22.7
14.7
4.0
6.4
STANDARD PACKAGING QUANTITY
SERIES
CASE CODE
BULK/TUBE
M34
C
10 pcs
A
CB
C


Similar Part No. - M34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
M34-113 GAMEWELL-FCI-M34-113 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
More results

Similar Description - M34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M35 VISHAY-M35 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 09-Sep-09
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com