Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PTxxES Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 1PTxxES
Description  Sensitive gate SCRs, 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

1PTxxES Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  1PTxxES Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 1PTxxES Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 1PTxxES Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 1PTxxES Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
0.01
0.1
1.0
10.0
1
10
100
Fig.5 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms,
and corresponding value of l²t
Fig.6 Relative variation of gate trigger current,
holding current and latching current
versus junction temperature (typical values)
100
120 140
IGT,IH,IL[T]/IGT,IH,IL[T]=25°C
SEMICONDUCTOR
1PT Series RoHS
RoHS
ITSM
l
(A), I²t (A²s)
TSM
80
60
40
20
0
-20
-40
6.0
Case Style
RoHS
5.20(0.205)
4.45(0.175)
TO-92
5.33(0.210)
4.58(0.180)
0.50(0.020)
0.40(0.016)
0.50(0.020)
0.40(0.016)
0.50(0.020)
0.40(0.016)
1.40(0.055)
1.14(0.045)
1.40(0.055)
1.14(0.045)
4.20(0.165)
3.20(0.126)
12.70(0.500)Min.
1
2
3
Ø
(G)3
1(A1)
(A2)
2
Page 4 of 4
www.nellsemi.com
t=10ms
Half cycle
Tj lntlal=25
°C
dl/dt≤50A/μS
lGT
IH&IL
Tj(
°C)


Similar Part No. - 1PTxxES

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT Datasheet
383Kb / 4P
   Sensitive gate SCRs, 1A
1PT NELLSEMI-1PT Datasheet
1Mb / 5P
   Sensitive gate SCRs
1PT06E-03 NELLSEMI-1PT06E-03 Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
1PT06E-05 NELLSEMI-1PT06E-05 Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
1PT06E-06 NELLSEMI-1PT06E-06 Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
More results

Similar Description - 1PTxxES

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
1PT NELLSEMI-1PT Datasheet
383Kb / 4P
   Sensitive gate SCRs, 1A
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com