Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6PT Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 6PT
Description  Stansard SCRs, 6A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6PT Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  6PT_14 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6PT_14 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6PT_14 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6PT_14 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6PT_14 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
SEMICONDUCTOR
RoHS
RoHS
6PT Series
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
6 = 6A, IT(RMS)
6 PT 06
06 = 600V
F = TO-251 (IPAK)
G = TO-252 (DPAK)
08 = 800V
www.nellsemi.com
10 = 1000V
Fig.1 Maximum average power dissdipation
versus average on-state current
Fig.2 Correlation between maximum average
power dissipation and maximum
allowable temperature(T
and T
)
amb
lead
α=90°
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
4.5
5.0
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
125
110
115
120
0
20
40
60
80
100
120
140
P(W)
P(W)
T
(°C)
lead
I
(A)
T(AV)
α=60°
α=30°
α=180°
α=120°
DC
360
°
α
R
=0
°C/W
th
R
=5
°C/W
th
R
=10
°C/W
th
R
=15
°C/W
th
α=180°
Tamb(
°C)


Similar Part No. - 6PT_14

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
6PT-1 MSYSTEM-6PT-1 Datasheet
101Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
More results

Similar Description - 6PT_14

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
6PT NELLSEMI-6PT Datasheet
331Kb / 5P
   Stansard SCRs, 6A
6PT06AI NELLSEMI-6PT06AI Datasheet
147Kb / 5P
   Stansard SCRs, 6A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com