Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N70ZL-TM3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2N70ZL-TM3-T
Description  2A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70ZL-TM3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  2N70ZL-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2N70ZL-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2N70ZL-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2N70ZL-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2N70ZL-TM3-T Datasheet HTML 5Page - Unisonic Technologies 2N70ZL-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N70Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-766.B
TEST CIRCUITS AND WAVEFORMS (Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
10V
Charge
QGS
QGD
QG
VGS
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
DD
DSS
DSS
2
AS
AS
V
-
BV
BV
LI
2
1
=
E
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 2N70ZL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70ZL-TM3-T UTC-2N70ZL-TM3-T Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - 2N70ZL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70ZL UTC-2N70ZL Datasheet
269Kb / 6P
   2A, 700V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com