Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10PT Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 10PT
Description  Stansard SCRs, 10A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

10PT Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  10PT_14 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 10PT_14 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 10PT_14 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 10PT_14 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 10PT_14 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
SEMICONDUCTOR
10PT Series RoHS
RoHS
Stansard SCRs, 10A
SYMBOL
IT(RMS)
RMS on-state current full sine wave
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
50
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
100
105
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
10
A
V
mA
15
600 to 1000
DESCRIPTION
V
600 to 1000
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
(180° conduction angle )
4
1
Average on-state current
(180° conduction angle)
IT(AV)
A
1
2
3
1
2
3
2
2
2
1
2
3
TO-220AB (Non-lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
I = 2xl
, t ≤100ns
G
GT
r
1
2
3
TO-220AB (lnsulated)
(10PTxxF)
(10PTxxG)
(10PTxxA)
(10PTxxAI)
www.nellsemi.com
TO-251/TO-252/TO-220AB
TO-220AB insulated
Tc=100°C
Tc=90°C
Maximum gate power
PGM
W
10
T =20µs
p
The 10PT series of silicon controlled rectifiers are high
performance glass passivated technology, and are
designed for power supply up to 400Hz on resistive or
inductive load.
T = 125ºC
j
TO-220AB insulated
Tc=100°C
Tc=90°C
6.4
10
TO-251/TO-252/TO-220AB
3(G)
1(K)
2(A)


Similar Part No. - 10PT_14

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
10PT06A NELLSEMI-10PT06A Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT06F NELLSEMI-10PT06F Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT06G NELLSEMI-10PT06G Datasheet
146Kb / 5P
   Stansard SCRs, 10A
10PT08A NELLSEMI-10PT08A Datasheet
146Kb / 5P
   Stansard SCRs, 10A
More results

Similar Description - 10PT_14

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT Datasheet
335Kb / 5P
   Stansard SCRs, 10A
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
   Stansard SCRs, 10A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com