Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8PTxxA Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 8PTxxA
Description  Sensitive and Standard SCRs, 8A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PTxxA Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  8PTxxA Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PTxxA Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 5 of 7
8PT Series
I
(A)
STM
Fig.11 Surge peak on-state current versus
number of cycles
Fig.12 Non-repetitive surge peak on-state current
and corresponding values of l²t
www.nellsemi.com
0.01
0
200
400
1600
1.00
Fig.9 Relative variation of dV/dt immunity
versus gate-cathode resistance
0
160 180
0.0
2.5
5.0
7.5
0.0
0.2
4.0
5.0
5.5
-20
0
60
20
-40
40
3.5
4.5
100
140
80
120
0.4
dV/dt[R
] / dV/dt[R
=220Ω]
GK
GK
6.0
Fig.7 Relative variation of gate trigger and
holding current versus junction
temperature
Fig.8 Relative variation of holding current
versus gate-cathode resistance
(typical values)
dV/dt[C
] / dV/dt[R
=220Ω]
GK
GK
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1E-2
1E-1
1E+0
1E+1
600
800 1000 1200 1400
1800 2000
0.10
10.00
20
40
60
80
120 140
200 220
100
10.0
12.5
15.0
0.01
10
0
40
30
60
70
90
1
100
1000
20
50
10
80
100
0.10
1.00
10.00
10
100
1000
IH[RGK] / IH[RGK=1KΩ]
I
,I ,I [Tj] / I
,I ,I [Tj=25
°C]
GT H L
GT H L
3.0
2.5
2.0
1.5
1.0
0.5
0.0
(typical values) for I =200µA
G
Fig.10 Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values) for I
=200µA
GT
I
(A),I²t(A²s)
TSM
IGT
l & IL
H
T (°C)
j
5mA & 15mA
I
=200µA
GT
T =25
°C
j
R
(KΩ)
GK
Tj=125
°C
V =0.67 X V
D
DRM
R
(KΩ)
GK
C
(nF)
GK
V =0.67 X V
D
DRM
Tj=125
°C
R
=220Ω
GK
t =10ms
p
One cycle
Non repetitive
T initial=25°C
j
Repetitive
Tc=110°C
Number of cycles
t (ms)
p
I²t
dI/dt Iimitation
width tp< 10ms
Sinusoidal pulse with
ITSM
Tj inital=25
°C


Similar Part No. - 8PTxxA

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06A-S NELLSEMI-8PT06A-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06A-T NELLSEMI-8PT06A-T Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-T NELLSEMI-8PT06AI-T Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
More results

Similar Description - 8PTxxA

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com