Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4PTxxAMS Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 4PTxxAMS
Description  Sensitive gate SCRs, 4A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PTxxAMS Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  4PTxxAMS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4PTxxAMS Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
0
20
40
60
80
100
4PT Series
0
0.1
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0.0
1.0
10.0
50.0
0
2
4
6
I
(A)
TM
R (j-a)(°C/W)
th
Fig.11 On-state characteristics (maximum
values)
Fig.12 Thermal resistance junction to ambient
versus copper surface under tab (DPAK)
8
10
12
14
16
18
20
0
5
10
1
10
100
1000
15
20
25
30
35
Fig.9 Surge peak on-state current versus
number of ctcles
I
(A)
TSM
0.01
0.10
1.00
10.00
1
10
100
300
I
(A),I²t(A²s)
TSM
Fig.10 Non-repetitive surge peak on-state
current, and corresponding values
of l²t
No n repe titive
T ini tal =2 5° C
j
Re pe titive
T =1 15 °C
c
Nu mb er of cycles
t =1 0ms
p
One cycle
dI /dt Iimitat ion
Tj ini tal =25
°C
ITSM
I²t
Si nusoi dal pul se wi th
wi dt h < 10ms
t (ms)
p
V
(V)
TM
S(c m²)
Epoxy pr int ed ci rcui t boar d FR4
cop per thi ck nes s = 35µm
0.01
0.10
10.00
2
6
8
200
600
1000
0
400
800
0
0
4
2
4
6
1400
1800
1200
1600
2000
1.00
dV/dt[R
] / dV/dt[R
=220Ω]
GK
GK
22
8
10
12
14
16
18
20
10
Fig.7 Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
Fig.8 Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
dV/dt[C
] / dV/dt[R
=220Ω]
GK
GK
Tj=125
°C
V =0.67 X V
D
DRM
R
(KΩ)
GK
T =125
°C
j
V =0.67 X V
D
DRM
R
=220Ω
GK
C
(nF)
GK
T = 25°C
j
T =max
j
T max
j
T =0.85V
t0
R =90mΩ
d
Page 5 of 7
www.nellsemi.com


Similar Part No. - 4PTxxAMS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-05 NELLSEMI-4PT06A-05 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
More results

Similar Description - 4PTxxAMS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com