Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20PTxxH Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 20PTxxH
Description  Stansard SCRs, 20A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

20PTxxH Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  20PTxxH Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 20PTxxH Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 20PTxxH Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 20PTxxH Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 20PTxxH Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
20PT Series
Page 3 of 5
www.nellsemi.com
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
20 = 20A, IT(RMS)
20 PT 06
06 = 600V
2
H = TO-263 (D PAK)
08 = 800V
10 = 1000V
Fig.1 Maximum average power dissipation
versus average on-state current.
Fig.2 Average and D.C. on-state current
versus case temperature.
D.C.
Fig.3 Average and D.C. on-state current
versus ambient temperature.
2
(copper surface under tab: S=1cm )
2
(D PAK)
Fig.4 Relative variation of thermal impedance
versus pulse duration.
D.C.
Z (j-c)
th
Z (j-a)
th
P (W)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
α=180°
α
360°
I
(A)
T(AV)
0
3
6
9
12
15
18
21
24
27
0
25
50
75
100
125
T
(°C)
case
α=180°
α=180°
T
(°C)
amb
0.0
0.5
1.0
1.5
2.0
2.5
4.0
3.5
3.0
l
(A)
T(AV)
l
(A)
T(AV)
0
25
50
75
100
125
K=[Z /R ]
th
th
1.00
0.10
0.01
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
t (s)
P
TO-263
TO-220AB
TO-220AB
insulated
AI
D
I
Sensitivity
GT
D = 4~10 mA
Blank = 3~25mA


Similar Part No. - 20PTxxH

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20PT NELLSEMI-20PT Datasheet
588Kb / 5P
   Stansard SCRs, 20A
20PT06A NELLSEMI-20PT06A Datasheet
590Kb / 5P
   Stansard SCRs, 20A
20PT06AI NELLSEMI-20PT06AI Datasheet
590Kb / 5P
   Stansard SCRs, 20A
20PT06H NELLSEMI-20PT06H Datasheet
590Kb / 5P
   Stansard SCRs, 20A
20PT08A NELLSEMI-20PT08A Datasheet
590Kb / 5P
   Stansard SCRs, 20A
More results

Similar Description - 20PTxxH

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20PT NELLSEMI-20PT Datasheet
588Kb / 5P
   Stansard SCRs, 20A
20PT06AI NELLSEMI-20PT06AI Datasheet
590Kb / 5P
   Stansard SCRs, 20A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com