Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25PTxxAl Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 25PTxxAl
Description  Stansard SCRs, 25A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25PTxxAl Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  25PTxxAl Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25PTxxAl Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25PTxxAl Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25PTxxAl Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25PTxxAl Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
SEMICONDUCTOR
25PT Series RoHS
RoHS
Stansard SCRs, 25A
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
25
A
V
mA
4 to 40
600 to 1200
DESCRIPTION
2
1
2
3
TO-220AB (Non-lnsulated)
1
2
3
TO-220AB (lnsulated)
(25PTxxA)
(25PTxxAI)
www.nellsemi.com
The 25PT series of silicon controlled rectifiers are high
performance glass passivated technology, and are
suitable for general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
2
TO-263 (D PAK)
(25PTxxH)
SYMBOL
IT(RMS)
RMS on-state current full sine wave
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
450
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
300
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
V
600 to 1200
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
(180° conduction angle )
4
1
Average on-state current
(180° conduction angle)
IT(AV)
16
A
I = 2xl
, t ≤100ns
G
GT
r
TO-263/TO-220AB
TO-220AB insulated
Tc=100°C
Tc=83°C
Maximum gate power
PGM
W
10
T =20µs
p
T = 125ºC
j
TO-263/TO-220AB
TO-220AB insulated
Tc=100°C
Tc=83°C
25
314
A2
A2
G
A1
3(G)
1(K)
2(A)


Similar Part No. - 25PTxxAl

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
856Kb / 6P
   Stansard SCRs
25PT06A NELLSEMI-25PT06A Datasheet
953Kb / 5P
   Stansard SCRs, 25A
25PT06A-D NELLSEMI-25PT06A-D Datasheet
856Kb / 6P
   Stansard SCRs
25PT06AD NELLSEMI-25PT06AD Datasheet
953Kb / 5P
   Stansard SCRs, 25A
More results

Similar Description - 25PTxxAl

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
   Stansard SCRs, 25A
25PT06AI-D NELLSEMI-25PT06AI-D Datasheet
953Kb / 5P
   Stansard SCRs, 25A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com