Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30PTxxAI Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 30PTxxAI
Description  Stansard SCRs, 30A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

30PTxxAI Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  30PTxxAI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 30PTxxAI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 30PTxxAI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 30PTxxAI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 30PTxxAI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 30PTxxAI Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
30PT Series
30PTxxxx
Unit
IGT
VGD
IH
mA
dV/dt
VTM
IDRM
IRRM
mA
IL
V = 12V, R = 33Ω
D
L
V = V
, R = 3.3K
D
DRM
L
Ω, R
= 220
Ω
GK
I = 500mA, Gate open
T
I = 1.2
×I
G
GT
V = 67% V
Gate open
D
DRM
,
0.2
500
mA
V
V
mA
V/µs
I = 60A,
T
t = 380µs
P
T = 125°C
j
T = 25°C
j
T = 25°C
j
V
µA
ELECTRICAL SPECIFICATIONS
(T = 25 ºC unless otherwise specified)
J
TEST CONDITIONS
SYMBOL
V =V
, V =V
D
DRM
R
RRM
1.6
5
2
R
= 220Ω
GK
Max.
Max.
Min.
Max.
Typ.
Min.
Max.
Max.
Max.
THERMAL RESISTANCE
UNIT
VALUE
SYMBOL
Parameter
VGT
V
1.27
Vto
T = 125°C
j
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
600 V
50 mA
1000 V
30PTxxA/30PTxxAl
30PTxxH
V
V
800 V
V
PACKAGE
TO-220AB
V
V
2
D PAK
50 mA
Rd
T = 125°C
j
T = 125°C
j
T = 125°C
j
Max.
Max.
12
Threshold Voltage
Dynamic Resistance
Min.
1.3
50
4
75
150
V
1200 V
V
V
V
V
V
V
V
V
V
V
30PTxxB/30PTxxBI
30PTxxC
50 mA
50 mA
TO-3P
TO-247AB
250
V
≤ 800V
DRM
V
≥ 1000V
DRM
Rth(j-c)
Junction to case (DC)
Rth(j-a)
Junction to ambient
1.0
45
1.2
60
2
S = 1 cm
2.0
50
2
D PAK/TO-220AB/TO-3P/TO-247AB
TO-220AB insulated
TO-263(
PAK)
2
D
TO-220AB/TO-220AB insulated
TO-3P insulated
TO-3P/TO-247AB/TO-3P insulated
°C/W
°C/W
S=Copper surface under tab
Page 2 of 6
www.nellsemi.com


Similar Part No. - 30PTxxAI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT NELLSEMI-30PT Datasheet
245Kb / 6P
   Stansard SCRs
30PT06A NELLSEMI-30PT06A Datasheet
900Kb / 6P
   Stansard SCRs, 30A
30PT06A NELLSEMI-30PT06A Datasheet
245Kb / 6P
   Stansard SCRs
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
   Stansard SCRs, 30A
30PT06AI NELLSEMI-30PT06AI Datasheet
245Kb / 6P
   Stansard SCRs
More results

Similar Description - 30PTxxAI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
   Stansard SCRs, 30A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com