Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30PTxxH Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 30PTxxH
Description  Stansard SCRs, 30A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

30PTxxH Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  30PTxxH Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 30PTxxH Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 30PTxxH Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 30PTxxH Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 30PTxxH Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 30PTxxH Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
30PT Series
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
30 = 30A, IT(RMS)
30 PT 06
06 = 600V
B = TO-3P (non-insulated)
08 = 800V
10 = 1000V
12 = 1200V
16 = 1600V
DELIVERY MODE
Tube
Tube
Tube
,
BASE Q TY
50
50
50
WEIGHT
2.0g
2.3g
2.0g
TO-220AB (insulated)
2
TO-263(D PAK)
PACKAGE
TO-220AB
30PTxxB
30PTxxBI
30PTxxC
MARKING
ORDERING INFORMATION
Note: xx = voltage
ORDERING TYPE
30PTxxA
30PTxxAI
30PTxxH
30PTxxB
30PTxxBI
30PTxxC
30PTxxA
30PTxxAI
30PTxxH
TO-3P insulated
TO-3P
TO-247AB
4.3g
4.8g
5g
Tube
Tube
Tube
30
30
30
BI = TO-3P ( insulated)
C = TO-247AB
2
H = TO-263 (D PAK)
Fig.1 Maximum average power dissipation
versus average on-state current.
α
50
40
30
20
10
0
0
5
10
15
20
25
30
35
α=30°
α=60°
α=90°
α=120°
α=180°
DC
I
(A)
T(RMS)
360°
0
20
40
60
80
100
120
140
Fig.2 Correlation between maximum average
power dissipation and maximum allowable
temperature
50
40
30
20
10
0
50
75
100
125
T
(°C)
case
P(W)
P(W)
T
(°C)
amb
R
=2
°C/W
th
R
=1°C/W
th
R
=0°C/W
th
R
=3
°C/W
th
α=180°
(T
and T
)
amb
lead
Page 3 of 6
www.nellsemi.com


Similar Part No. - 30PTxxH

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT NELLSEMI-30PT Datasheet
245Kb / 6P
   Stansard SCRs
30PT06A NELLSEMI-30PT06A Datasheet
900Kb / 6P
   Stansard SCRs, 30A
30PT06A NELLSEMI-30PT06A Datasheet
245Kb / 6P
   Stansard SCRs
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
   Stansard SCRs, 30A
30PT06AI NELLSEMI-30PT06AI Datasheet
245Kb / 6P
   Stansard SCRs
More results

Similar Description - 30PTxxH

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
   Stansard SCRs, 30A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com