Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ35H Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # GBJ35H
Description  Glass Passivated Single-Phase Bridge Rectifier, 35A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

GBJ35H Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  GBJ35H Datasheet HTML 1Page - Nell Semiconductor Co., Ltd GBJ35H Datasheet HTML 2Page - Nell Semiconductor Co., Ltd GBJ35H Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
GBJ35..H
UNIT
1300
04
500
700
900
1200
400
600
800
1000
12
08
06
10
1100
1200
400
600
800
1000
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current, T = 85°C
c
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
664
35
-40 to 150
400
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
GBJ35..H
UNIT
04
12
08
06
10
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
500
1.10
5
voltage per diod
TEST
CONDITIONS
I
= 17.5A
F
T
= 25°C
A
T
= 150°C
A
THERMAL AND MECHANICAL (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
GBJ35..H
UNIT
04
12
08
06
10
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
0.80
Notes
Storage temperature range
TSTG
-40 to 150
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M3
A mounting compound is recommended
and the torque should be rechecked after
a
for the spread
period of 3 hours to allow
of the compound.
0.8
.
N m
Approximate weight
6.7
torque
g
-
Product type : “GBJ” Package,1
Ø Bridge
1
2
3
-
Device code
-
Voltage code : code x 100 = VRRM
I
rating : "35" for 35A
F(AV)
Ordering Information Tabel
GBJ35H Series
GBJ
H
35
10
4
2
1
3
-
H: With Aluminum base plate (heatsink)
4
Page 2 of 3
www.nellsemi.com


Similar Part No. - GBJ35H

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBJ35H NELLSEMI-GBJ35H Datasheet
595Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
GBJ35H NELLSEMI-GBJ35H_17 Datasheet
595Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - GBJ35H

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35 WTE-GBPC35 Datasheet
60Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB3505GW ETC2-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com