Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB936L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB936L-TN3-R
Description  SILICON PNP EPITAXIAL PLANAR TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB936L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB936L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB936L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB936L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB936
Preliminary
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R209-029.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-10
A
Peak Collector Current
ICP
-20
A
Collector Power Dissipation
TC=25°C
PC
40
W
TA=25°C
1.3
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10mA, IE=0
-40
V
Collector-Emitter Voltage
BVCEO
IC=-10mA, IB=0
-20
V
Emitter-Base Breakdown Voltage
BVEBO
IC=-10mA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-40V, IE=0
-50
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-50
µA
DC Current Gain
hFE1
VCE=-2V, IC=-0.1A
45
hFE2
VCE=-2V, IC=-3 A
90
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-10A, IB=-0.33A
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-10A, IB=-0.33A
-1.5
V
Transition Frequency
fT
VCE=-10V, f=10MHz, IC=-0.5A
100
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
400
pF
Turn-On Time
ton
IC=-3A, IB1=-0.1A, IB2=0.1A
0.1
μs
Storage Time
ts
0.5
μs
Fall Time
tr
0.1
μs


Similar Part No. - 2SB936L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB936L-TN3-R UTC-2SB936L-TN3-R Datasheet
116Kb / 3P
   SILICON PNP EPITAXIAL TRANSISTOR
More results

Similar Description - 2SB936L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com