Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU20 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # GBU20
Description  Glass Passivated Single-Phase Bridge Rectifier, 20A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

GBU20 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  GBU20 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd GBU20 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd GBU20 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Derating curve for output rectified current
Ambient temperature (°C)
Fig.2 Maximum non-repetitive peak forward
surge current per bridge element
0
100
200
300
400
1
10
100
Number of cycles at 50Hz
Fig.3 Typical reverse characteristics per
bridge element
Percent of rated peak reverse voltage (%)
Fig.4 Typical forward characteristics per
bridge element
Forward voltage (V)
T = 150°C
J
25
20
15
10
5
0
0
50
100
150
1000
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T = 2
5°C
J
0.01
T = 1
25°C
J
100
10
1.0
0.1
0.6
0.7
0.9
1.1
1.3
T = 25°C
J
0.8
1.0
1.2
GBU20 Series
Page 3 of 3
www.nellsemi.com


Similar Part No. - GBU20

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBU20 NELLSEMI-GBU20 Datasheet
161Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Formosa MS
GBU20005 FORMOSA-GBU20005 Datasheet
360Kb / 2P
   Barrier Rectifier
logo
SeCoS Halbleitertechnol...
GBU20005 SECOS-GBU20005 Datasheet
423Kb / 2P
   Voltage 50V ~ 1000V 20Amp Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBU20005 MCC-GBU20005 Datasheet
263Kb / 3P
   20 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
HY ELECTRONIC CORP.
GBU20005 HY-GBU20005 Datasheet
424Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU20

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBJ20 NELLSEMI-KBJ20 Datasheet
238Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 20A
GBJ20 NELLSEMI-GBJ20 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 20A
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com