Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP50S Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # MP50S
Description  Single-Phase Bridge Rectifier, 50A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MP50S Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MP50S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MP50S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MP50S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 3 of 3
0.01
0.1
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
40
20
60
100
80
0
150
50
100
0
100
200
300
400
500
1
10
100
www.nellsemi.com
MP50S
Fig.1 On-state current and voltage
Fig.2 Case temperature vs on-state
average current
Fig.3 On-state surge current vs. cycles
Peak on-state voltage(V)
Case temperature (ºC)
Cycles @50Hz
T = 25°C
J
Pulse Width = 300 µs
Resistive or
lnductive load
Mounted on a
220x220x50 mm
AL plate heatsink
T = 150°C
J
Single half-sine-wave
(JEDEC method)


Similar Part No. - MP50S

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP50S CHENG-YI-MP50S Datasheet
148Kb / 2P
   40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP50S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
   50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ50 NELLSEMI-KBJ50 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
TAITRON Components Inco...
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
   50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBPC50 NELLSEMI-KBPC50 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Won-Top Electronics
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
   50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com