Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376389-4 Datasheet(PDF) 97 Page - Tyco Electronics

Part # 3-1376389-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376389-4 Datasheet(HTML) 97 Page - Tyco Electronics

Back Button 3-1376389-4 Datasheet HTML 90Page - Tyco Electronics 3-1376389-4 Datasheet HTML 91Page - Tyco Electronics 3-1376389-4 Datasheet HTML 92Page - Tyco Electronics 3-1376389-4 Datasheet HTML 93Page - Tyco Electronics 3-1376389-4 Datasheet HTML 94Page - Tyco Electronics 3-1376389-4 Datasheet HTML 95Page - Tyco Electronics 3-1376389-4 Datasheet HTML 96Page - Tyco Electronics 3-1376389-4 Datasheet HTML 97Page - Tyco Electronics 3-1376389-4 Datasheet HTML 98Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
82181–7.5M–MS–FP–4-08 0G3B
Tyco Electronics Corporation
Printed in the U.S.A.
www.tycoelectronics.com
231
Global Contacts
Americas
Argentina – Buenos Aires
Phone:
+54-11-4733-2200
Fax:
+54-11-4733-2211
Brasil – São Paulo
Phone:
+55-11-3611-1311
Fax:
+55-11-3611-0397
Canada – Toronto
Phone:
+905-475-6222
Fax:
+905-474-5520
Product Information Center:
(Technical Support)
Phone:
+905-470-4425
Fax:
+905-474-5525
Colombia – Bogota
Phone:
+57-1-231-9398
Fax:
+57-1-660-0206
Mexico – Mexico City
Phone:
+52-55-1106-0800
+01-800-733-8926
Fax:
+52-55-1106-0901
United States – Harrisburg, PA
Phone:
+717-564-0100
Fax:
+717-986-7575
Product Information Center:
(Technical Support)
Phone:
+800-522-6752
Fax:
+717-986-7575
For Latin/South American
Countries not shown
Phone:
+54-11-4733-2015
Fax:
+54-11-4733-2083
Asia/ Pacific
Australia – Sydney
Phone:
+61-2-9554-2600
Fax:
+61-2-9502-2556
Product Information Center:
(Technical Support)
Phone:
+61-2-9840-8200
Fax:
+61-2-9634-6188
India – Bangalore
Phone:
+91-80-285-40800
Fax:
+91-80-285-40820
Indonesia – Jakarta
Phone:
+65-6482-0311
Fax:
+65-6482-1012
Japan – Toyko
Phone:
+81-44-844-8111
Fax:
+81-44-812-3207
Product Information Center:
(Technical Support)
Phone:
+81-44-844-8013
Fax:
+81-44-812-3200
Korea – Seoul
Phone:
+82-2-3415-4500
Fax:
+82-2-3486-3810
Malaysia – Kuala Lumpur
Phone:
+60-3-78053055
Fax:
+60-3-78053066
New Zealand – Auckland
Phone:
+64-9-634-4580
Fax:
+64-9-634-4586
Philippines – Makati City
Phone:
+632-848-0171
Fax:
+632-867-8661
People’s Republic of China
Hong Kong
Phone:
+852-2735-1628
Fax:
+852-2735-0243
Shanghai
Phone:
+86-21-2407-1588
Fax:
+86-21-2407-1599
Taiwan – Taipei
Phone:
+886-2-8768-2788
Fax:
+886-2-8768-2268
Singapore – Singapore
Phone:
+65-6482-0311
Fax:
+65-6482-1012
Thailand – Bangkok
Phone:
+66-2-955-0500
Fax:
+66-2-955-0505
Vietnam and Indochina –
Ho Chi Minh City
Phone:
+84-8 930-5546
Fax:
+84-8 930-3443
Europe/ Middle East/Africa
Austria – Vienna
Phone:
+43-1 90 5 60-0
Fax:
+43-1 90 5 60-1333
Belgium – Kessel-Lo
Phone:
+32-16-35-23-00
Fax:
+32-16-35-23-52
Bulgaria – Sofia
Phone:
+359-2-971-2152
Fax:
+359-2-971-2153
Czech Republic – Kurim
Phone:
+420-5-41-162-111
Fax:
+420-5-41-162-223
Denmark – Glostrup
Phone:
+45-43-480-452
Fax:
+45-43-441-414
Egypt – Cairo
Phone:
+20-2-29 04 281
Fax:
+20-2-41 92 334
Estonia – Tartu
Phone:
+372-5138-274
Fax:
+372-7400-779
Finland – Helsinki
Phone:
+358-95-12-34-20
Fax:
+358-95-12-34-250
France – Cergy-Pontoise
Phone:
+33-1-3420-8888
Fax:
+33-1-3420-8600
Product Information Center:
(Technical Support)
Phone:
+33-1-3420-8943
Fax:
+33-1-3420-8623
Germany – Bensheim
Phone:
+49-6251-133-0
Fax:
+49-6251-133-1600
Product Information Center:
(Technical Support)
Phone:
+49-6251-133-1999
Fax:
+49-6251-133-1988
Germany – Langen
Phone:
+49-6103-709-0
Fax:
+49-6103-709-1223
Germany – Speyer
Phone:
+49-6232-30-0
Fax:
+49-6232-30-2243
Germany - HTS Division – Neunkirchen
Phone:
+49-2247-305-0
Fax:
+49-2247-305-122
Greece – Athens
Phone:
+30-210-9370-396/397
Fax:
+30-210-9370-655
Hungary – Budapest
Phone:
+36-1-289-1000
Fax:
+36-1-289-1010
Ireland – Dublin
Phone:
+353-1-820-3000
Fax:
+353-1-820-9790
Israel – Yokneam
Phone:
+972-4-959-0508
Fax:
+972-4-959-0506
Italy – Collegno (Torino)
Phone:
+39-011-4012-111
Fax:
+39-011-4031116
Lithuania – Vilnius
Phone:
+370-5-2131-402
Fax:
+370-5-2131-403
Netherlands – ’s-Hertogenbosch
Phone:
+31-73-624-62-46
Fax:
+31-73-621-23-65
Product Information Center:
(Technical Support)
Phone:
+31-73-6246-999
Fax:
+31-73-6246-998
Norway – Nesbru
Phone:
+47-66-77-8886
Fax:
+47-66-77-8855
Poland – Warsaw
Phone:
+48-22-45-76-700
Fax:
+48-22-45-76-720
Romania – Bucharest
Phone:
+40-21-311-3479/3596
Fax:
+40-21-312-0574
Russia – Moscow
Phone:
+7-495-926-5506/07/08/09
Fax:
+7-495-926-5505
Russia – St. Petersburg
Phone:
+7-812-718-8192
Fax:
+7-812-718-8193
Slovenia – Ljubljana
Phone:
+386-1561-3270
Fax:
+386-1561-3240
South Africa – Port Elizabeth
Phone:
+2741-503-4500
Fax:
+2741-581-0440
Spain – Barcelona
Phone:
+34-93-291-0330
Fax:
+34-93-201-7879
Product Information Center:
(Technical Support):
Phone:
+34-93-291-0330
Fax:
+34-93-200-3779
Sweden – Upplands Väsby
Phone:
+46-8-50-72-50-00
Fax:
+46-8-50-72-50-01
Switzerland – Steinach
Phone:
+41-71-447-0447
Fax:
+41-71-447-0444
Turkey – Istanbul
Phone:
+90-212-281-8181/2/3
Fax:
+90-212-281-8184
Ukraine – Kiev
Phone:
+380-044-206-2265
Fax:
+380-044-206-2264
United Kingdom – Swindon
Phone:
+44-8706-080-208
Fax:
+44-1793-572-516
Product Information Center:
(Technical Support)
Freephone GB: 0800-267-666
Phone:
+44-8706-080-208
Fax:
+44-208-420-8081
For Middle East/African Countries Not
Shown
Phone:
+33-1-3420-8866
Fax:
+33-1-3420-8300
231


Similar Part No. - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com