Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 75 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 75 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 71Page - Tyco Electronics 3-1376390-4 Datasheet HTML 72Page - Tyco Electronics 3-1376390-4 Datasheet HTML 73Page - Tyco Electronics 3-1376390-4 Datasheet HTML 74Page - Tyco Electronics 3-1376390-4 Datasheet HTML 75Page - Tyco Electronics 3-1376390-4 Datasheet HTML 76Page - Tyco Electronics 3-1376390-4 Datasheet HTML 77Page - Tyco Electronics 3-1376390-4 Datasheet HTML 78Page - Tyco Electronics 3-1376390-4 Datasheet HTML 79Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
209
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Applicator Styles
Applicator and Hand Tool
Selection Guide
Related Product Data
Contacts
2.5 mm Signal Double Lock (SDL)—page 12
Micro MATE-N-LOK 3 mm—page 22
Grace Inertia Connectors (GIC) 3.5—page 50
.062 Commercial Pin and Socket—page 55
Power Double Lock (PDL)—page 61
Mini Universal MATE-N-LOK—page 84
Mini Universal MATE-N-LOK 2—pages 100-101
(MR) Miniature Rectangular—page 112
VAL-U-LOK Connector System—page 120
AMP-DUAC—pages 126-127
5.0 mm Power Key Connectors (PKC)—page 137
.093 Commercial Pin and Socket—page 145
Commercial MATE-N-LOK—pages 155-156
.140 MATE-N-LOK—page 166
Universal MATE-N-LOK—pages 172-173
Universal MATE-N-LOK II—page 192
.156 MATE-N-LOK—page 203
Stripper-Crimper (SCA)
Applicators
End- and Side-Feed Heavy-
Duty Miniature (HDM)
Applicators
Crimp Quality Monitor
(CQM) Applicators
I
For use with AMP-O-MATIC
Stripper-Crimper Machines
I
Terminate a wide variety of
open-barrel products
I
Quickly interchangeable to
run different products
I
Easily repaired
I
Simple dial-in settings to
handle similar products and
various wire sizes
I
CQM applicators are
available
I
Handle a wide variety of
products
I
Used with both semi- and
fully-automatic machines
I
Quickly interchangeable to
run different products
I
Easily repaired
I
Simple dial-in settings to
handle similar products
and various wire sizes
I
Same basic features as
regular HDM and SCA
applicators
I
Recommended for use
with machines featuring
manual or automatic
precision-adjust
I
Use two built-in sensors to
provide the Crimp Quality
Monitor with data to
measure crimp height,
and evaluate the quality of
each crimp
Note: This listing is for reference purposes only. To obtain part numbers for specific applications call Technical Support.
Mechanical Hand Tools
CERTI-CRIMP II Straight
Action Hand Tools (SAHT)
91501-1, 91502-1
Premium grade hand tools.
Feature ratchet control to
provide complete crimp
cycle. Die sets close in a
straight line. Include a con-
tact locator and wire stop,
plus an insulation crimp
adjustment lever, when
applicable. Approximate
weight 1.3 lb [0.59 kg]
For more information, request
Catalog 65780.
Applicators
Hand Tools
Density
Product Line
AB
C
D
E
2.5 mm Signal Double Lock (SDL)
**
*
X
-
Micro MATE-N-LOK 3 mm
XX
X
X
-
Grace Inertia Connectors (GIC) 3.5
**
*
X
-
.062 Commercial Pin and Socket
XX
X
-
X
High
Power Double Lock (PDL)
**
*
X
-
Mini-Universal MATE-N-LOK
XX
X
X
X
Sealed Mini-Universal MATE-N-LOK
XX
X
X
-
Mini-Universal MATE-N-LOK 2
XX
X
X
X
(MR) Miniature Rectangular
XX
X
X
-
VAL-U-LOK Connector System
X-
-
-
X
AMP-DUAC
XX
-
X
-
5.0 mm Power Key Connectors (PKC)
**
*
X
-
.093 Commercial Pin and Socket
XX
X
-
X
Standard
Commercial MATE-N-LOK
XX
X
X
X
.140 MATE-N-LOK
XX
X
X
-
Universal MATE-N-LOK
XX
X
X
X
Universal MATE-N-LOK II
XX
X
X
X
.156 MATE-N-LOK
X-
-
X
-
A—Heavy Duty Miniature (HDM) Applicators
B—Stripper-Crimper Applicators (SCA)
C—Crimp Quality Monitor (CQM) Applicators
D—CERTI-CRIMP Hand Tool
E—PRO-CRIMPER III Commercial Hand Tool
* Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Numbers.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com