Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 24Page - Tyco Electronics 3-1376390-4 Datasheet HTML 25Page - Tyco Electronics 3-1376390-4 Datasheet HTML 26Page - Tyco Electronics 3-1376390-4 Datasheet HTML 27Page - Tyco Electronics 3-1376390-4 Datasheet HTML 28Page - Tyco Electronics 3-1376390-4 Datasheet HTML 29Page - Tyco Electronics 3-1376390-4 Datasheet HTML 30Page - Tyco Electronics 3-1376390-4 Datasheet HTML 31Page - Tyco Electronics 3-1376390-4 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
162
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
.153
[3.89]
1.000
[25.40]
.484
[12.30]
.120
[3.05]
.330
[8.38]
Contact
Housing
.300
[7.62]
.375
[9.53]
.375
[9.53]
.300
[7.62]
.100
[2.54]
.100
[2.54]
.350
[8.89]
.075
[1.91]
.100
[2.54]
.100
[2.54]
Typ.
.150
[3.8]
Min.
.125
[3.18]
2 Plcs.
See
Note
Dia.
Dia.
6, 9, 12 and 15 Circuit,
Matrix
Recommended PC Board Hole Layout
.062 [1.57] thick PC Board
Number of
A
Part Numbers
Mates with
Finish
Pin Housing
Circuits
Dim.
Standard Tail5
Long Tail6
Part Number
1.000
770997-13
4
Pre-tin
794285-13,7
1-480426-02,3
25.40
794287-13,4,8
6
.720
Pre-tin
350641-1
350576-1
1-480276-0
18.29
Duplex1
1586539-2
9
.960
Pre-tin
350642-1
350577-1
1-480277-0
24.39
12
1.200
Pre-tin
350643-1
350578-1
1-480278-0
30.49
15
1.440
Pre-tin
350644-1
350579-1
1-480324-0
36.58
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over
.000050 [.00127] min. nickel underplate on entire contact.
2
Other mating connectors include vertical, right-angle and surface mount PC Board pin headers.
3
Used by the disk drive industry.
4
Surface mount compatible.
5
Use standard tail for .062 [1.57] thick PC Board.
6
Use long tail for .125 [3.18] thick PC Board.
7
Low Mating Force
8
High Temperature
Note: All part numbers are RoHS Compliant.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
.645
[16.38]
.470
[11.94]
Typ.
Dia. Typ.
.240
[6.09]
.202
[5.13]
.070
[1.78]
Related Product Data
Product Specifications
108-1077 Commercial MATE-N-LOK
PC Board Headers
Performance Characteristics—
pages 151-152
Technical Documents—pages 151
and 205-206
Mating Pin Housings—pages 157-160
Mating Pin Headers—pages 161-164
Mating Socket Housings—
pages 157-160
Mating Socket Headers—page 162
Mating IDC—page 163
PC Board Surface Mount
Right-Angle Pin Header
Material and Finish
Housing — Nylon, black color
Flammability Rating — UL94V-2
Contact — Phosphor bronze, pre-tin
Solder tail width .052 [1.32]
A
4 Circuit, In-Line
.200
[5.08]
4 Circuit, In-Line
PC Board Vertical
Socket Headers
Material
Housing — Nylon, natural color
Flammability Rating — UL94V-2
Contacts—Phosphor bronze
Solder tail diameter .062 [1.57]
Recommended PC Board Hole Layout
.062 [1.57] thick PC Board
A
.245
[6.22]
.200
[5.08]
Typ.
.824
[2093]
.440
[11.18]
.015
[0.38]
.170
[4.32]
.070
[1.78]
Dia. Typ.
Typ.
Note: .010 [.25] min. thick solder paste,
63/27 tin
Recommended PC Board Layout
.062 [1.57] thick PC Board
Part Number
770829-1
Notes:
1. Mating parts include socket housings, a
vertical PC Board socket header below and
the insulation displacement connectors (IDC).
2. Used by the disk drive industry.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com