Electronic Components Datasheet Search |
|
3-1376390-4 Datasheet(PDF) 39 Page - Tyco Electronics |
|
3-1376390-4 Datasheet(HTML) 39 Page - Tyco Electronics |
39 / 98 page 173 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Contacts Split pin diameter .086 [2.18] Stock thickness .012 [.305] These contacts can be used in either Universal MATE-N-LOK Plug or Cap housings only. Related Product Data Product Specification 108-1031 Universal MATE-N-LOK Connectors Application Specification 114-1010 Universal MATE-N-LOK Contacts Performance Characteristics— pages 169-170 Technical Documents— pages 169 and 205-206 Application Tooling— pages 207-210 Housings—page 174 Split Pins Wire Size Range Ins. Dia. L Contact Part Number HDM Hand Tool AWG [mm2] Range Dim. Material & Finish Applicator Part No. Strip Form Loose Piece Part No. 24-18 .040-.100 .790 Brass, Pre-tin 350699-1 350706-1 466320-13 [.2-.8] 1.02-2.54 20.06 Brass, Gold1 350699-2 350706-2 466320-23 91510-1 Brass, Select Gold2 350699-7 350706-7 466320-43 20-14 .060-.130 .790 Brass, Pre-tin 350687-1 350705-1 687763-13 [.5-2.0] 1.52-3.30 20.06 Brass, Gold1 350687-2 350705-2 687763-23 91500-1 Brass, Select Gold2 350687-7 350705-7 687763-63 .130-.200 .810 Brass, Pre-tin 350700-1 350707-1 687926-13 91508-14 3.30-5.08 20.57 Brass, Gold1 350700-2 350707-2 687926-23 91506-14 Brass, Select Gold2 350700-7 350707-7 687926-63 1 Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact. 2 Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel underplate on entire contact. 3 HDM Applicator part number ending in -1, is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K Machine, -4 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. 4 Hand Tool No. 91508-1 for wire size 20-18 AWG. Hand Tool No. 91506-1 for wire size 16-14 AWG. Notes: 1. Split pins recommended for use in housings having 6, 9, 12 and 15 circuits to reduce mating force. 2. Phosphor bronze material contacts are available for use in high temperature/humidity cycling applications, consult Tyco Electronics. Note: This contact will accept a 110 Series FASTON Receptacle — Part No. 350871-1 (strip form) allowing simple field wiring or wiring changes. Grounding Pins (.100 [2.54] longer than standard pin) (Mate first, break last, not for interrupting current) Wire Size Range Ins. Dia. L Contact Part Number HDM Hand Tool AWG [mm2] Range Dim. Material & Finish Applicator Part No. Strip Form Loose Piece Part No. 24-18 .060-.130 .890 Brass, Pre-tin 770210-1 — 567216-22 — [.2-.8] 1.52-3.30 22.60 567216-32 20-14 .060-.130 .890 687763-12 Brass, Pre-tin 350654-1 350669-1 687763-22 91500-1 [.5-2.0] 1.52-3.30 22.60 687763-62 466597-12 12-10 .200 max.1 .910 Phos. Brz., Pre-tin 770234-3 — 466597-22 — [3.0-5.0] 5.08 23.11 466597-32 1 There is no insulation barrel on this contact. Insulation maximum diameter is limited by the housing. 2 HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K Machine, -3 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. Programmable Connector Contact (Socket with 110 Series Special FASTON Tab) Material and Finish Brass, pre-tin .805 [20.45] .048 [1.22] Dia. Part Number 350877-1 20-14 [.5-2.0] or 2@18 [.8] Note: All part numbers are RoHS Compliant. |
Similar Part No. - 3-1376390-4 |
|
Similar Description - 3-1376390-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |