Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51313GDR16 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS51313GDR16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313GDR16 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS51313GDR16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51313GDR16 Datasheet HTML 14Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application Information: continued
10
Slope Compensation
The V2
TM control method uses a ramp signal, generated by
the ESR of the output capacitors, that is proportional to the
ripple current through the inductor. To maintain regula-
tion, the V2
TM control loop monitors this ramp signal,
through the PWM comparator, and terminates the switch
on-time.
The stringent load transient requirements of modern
microprocessors require the output capacitors to have very
low ESR. The resulting shallow slope presented to the
PWM comparator, due to the very low ESR, can lead to
pulse width jitter and variation caused by both random or
synchronous noise.
Adding slope compensation to the control loop, avoids
erratic operation of the PWM circuit, particularly at lower
duty cycles and higher frequencies, where there is not
enough ramp signal, and provides a more stable switch-
point.
The scheme that prevents that switching noise prematurely
triggers the PWM circuit consists of adding a positive volt-
age slope to the output of the Error Amplifier (COMP pin)
during an off-time cycle.
The circuit that implements this function is shown in
Figure 12.
Figure 12: Small RC filter provides the proper voltage ramp at the
beginning of each on-time cycle.
The ramp waveform is generated through a small RC filter
that provides the proper voltage ramp at the beginning of
each on-time cycle. The resistors R1 and R2 in the circuit of
Figure 12 form a voltage divider from the GATE(L) output,
superimposing a small artificial ramp on the output of the
error amplifier. It is important that the series combination
R1/R2 is high enough in resistance not to load down and
negatively affect the slew rate on the GATE(L) pin.
Overcurrent Protection
A loss-less hiccup mode current limit protection feature is
provided, requiring only the COMP capacitor to imple-
ment. The CS51313 provides overcurrent protection by
sensing the current through a “Droop” resistor, using an
internal current sense comparator. The comparator com-
pares the voltage drop across the “Droop” resistor to an
internal reference voltage of 86mV (typical).
If the voltage drop across the “Droop” resistor exceeds this
threshold, the current sense comparator allows the fault
latch to be set. This causes the regulator to stop switching.
During this over current condition, the CS51313 stays off
for the time it takes the COMP pin capacitor to discharge
to its lower 0.25V threshold. As soon as the COMP pin
reaches 0.25V, the Fault latch is reset (no overcurrent con-
dition present) and the COMP pin is charged with a 30µA
current source to a voltage 1.1V greater than the VFB volt-
age. Only at this point the regulator attempts to restart nor-
mally. The CS51313 will operate initially with a duty cycle
whose value depends on how low the VFB voltage was
during the overcurrent condition (whether hiccup mode
was due to excessive current or hard short). This protec-
tion scheme minimizes thermal stress to the regulator com-
ponents, input power supply, and PC board traces, as the
over current condition persists. Upon removal of the over-
load, the fault latch is cleared, allowing normal operation
to resume.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2
TM control topology and requires
no additional external components. The control loop
responds to an overvoltage condition within 200ns, caus-
ing the top MOSFET to shut off, disconnecting the regula-
tor from its input voltage. This results in a “crowbar”
action to clamp the output voltage and prevents damage to
the load. The regulator will remain in this state until the
overvoltage condition ceases or the input voltage is pulled
low. Additionally, a dedicated Overvoltage protection
(OVP) output pin (pin 13) is provided in the CS51313. The
OVP signal will go high (overvoltage condition), if the out-
put voltage (VCC(CORE)) exceeds the regulation voltage by
8.5% of the voltage set by the particular DAC code. The
OVP pin can source up to 25mA of current that can be
used to drive an SCR to crowbar the power supply.
Power-Good Circuit
The Power-Good pin (pin 14) is an open-collector signal
consistent with TTL DC specifications. It is externally
pulled up, and is pulled low (below 0.3V) when the regula-
tor output voltage typically exceeds ± 8.5% of the nominal
output voltage. Maximum output voltage deviation before
Power-Good is pulled low is ± 12%.
Output Enable
On/off control of the regulator outputs can be implement-
ed by pulling the COMP pins low. It is required to pull the
COMP pins below the 1.1V PWM comparator offset volt-
age in order to disable switching on the GATE drivers.
Step 1: Definition of the design specifications
In computer motherboard applications the input voltage
comes from the “silver box” power supply. 5V ± 5% is
used for conversion to output voltage, and 12V ± 5% is
used for the external NFET gate voltage and circuit bias.
CS51313-based VCC(CORE)
Buck Regulator Design Example
Protection and Monitoring Features
CCOMP
R1
To Synchronous FET
C1
R2
16
12
COMP
GATE(L)
CS51313


Similar Part No. - CS51313GDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51313GDR16 ONSEMI-CS51313GDR16 Datasheet
567Kb / 23P
   Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
More results

Similar Description - CS51313GDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51313 ONSEMI-CS51313 Datasheet
567Kb / 23P
   Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com