Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376382-4 Datasheet(PDF) 59 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 59 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 55Page - Tyco Electronics 3-1376382-4 Datasheet HTML 56Page - Tyco Electronics 3-1376382-4 Datasheet HTML 57Page - Tyco Electronics 3-1376382-4 Datasheet HTML 58Page - Tyco Electronics 3-1376382-4 Datasheet HTML 59Page - Tyco Electronics 3-1376382-4 Datasheet HTML 60Page - Tyco Electronics 3-1376382-4 Datasheet HTML 61Page - Tyco Electronics 3-1376382-4 Datasheet HTML 62Page - Tyco Electronics 3-1376382-4 Datasheet HTML 63Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
193
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housing Kits
Free-Hanging or Panel Mount
.250 [6.35] Centerline spacing
Material — Nylon
Flammability Rating — UL 94V-0
Related Product Data
Product Specification
108-1090 Universal MATE-N-LOK II
Connectors
Performance Characteristics—
pages 189-190
Contacts— page 192
Panel Cutout Recommendations—
page 195
Keying Plug— page 196
Strain Reliefs— page 196
Kit Components— page 195
Technical Documents— pages 189
and 205-206
Other Mating Connectors
Universal MATE-N-LOK Housings —
page 175
Universal MATE-N-LOK Headers—
pages 182-183 and 185
Universal MATE-N-LOK Test
Connectors — page 185
3, 4 and 5 Circuit,
In-Line
Plug Rear
Cap Front
Cap Front
Plug Rear
Plug Front
Cap Rear
Cap Rear
Plug Front
2 Circuit, In-line
.550
[13.97]
.580
[14.73]
.845
[21.46]
Max.
.300
[7.62]
.550
[13.97]
.550
[13.97]
.905
[22.98]
.580
[14.73]
.845
[21.46]
Max.
.550
[13.97]
.905
[22.98]
.300
[7.62]
A
.580
[14.73]
.300
[7.62]
A
.845
[21.46]
Max.
.905
[22.98]
.845
[21.46]
Max.
.580
[14.73]
A
A
.300
[7.62]
.905
[22.98]
Number
Kit Part Numbers
of
A
(Includes Front and Rear)
Circuits
Dim.
Plug
Cap
2—
770017-1
770024-1
3
.800
770018-1
770025-1
20.32
4
1.050
770019-1
770026-1
26.67
5
1.300
770016-14
33.02
Notes:
1. Kits consist of a front and rear component.
2. Kit components can be purchased separately. Page 195.
3. Packaging: Bulk — 250 each component per poly bag/box.
4. Mates with standard Universal MATE-N-LOK cap housing P/N 350810-1
and 640900-X or 640901-X Vertical headers.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com