Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 71 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 71 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 67Page - Tyco Electronics 3-1376384-4 Datasheet HTML 68Page - Tyco Electronics 3-1376384-4 Datasheet HTML 69Page - Tyco Electronics 3-1376384-4 Datasheet HTML 70Page - Tyco Electronics 3-1376384-4 Datasheet HTML 71Page - Tyco Electronics 3-1376384-4 Datasheet HTML 72Page - Tyco Electronics 3-1376384-4 Datasheet HTML 73Page - Tyco Electronics 3-1376384-4 Datasheet HTML 74Page - Tyco Electronics 3-1376384-4 Datasheet HTML 75Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
205
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Technical Documents
AMP
Soft Shell
Pin and Socket Connectors
Related Product Data
Connectors
2.5 mm Signal Double Lock (SDL)—
pages 9-16
Micro MATE-N-LOK 3 mm—
pages 17-47
Grace Inertia Connectors
(GIC) 3.5—pages 49-52
.062 Commercial Pin and
Socket—pages 53-57
Power Double Lock (PDL)—
pages 59-81
Mini Universal MATE-N-LOK—
pages 83-94
Mini Universal MATE-N-LOK 2—
pages 99-107
(MR) Miniature Rectangular—
pages 109-118
VAL-U-LOK Connector System—
pages 119-124
AMP-DUAC—pages 125-133
5.0 mm Power Key Connectors
(PKC)—pages 135-141
.093 Commercial Pin and
Socket—pages 143-149
Commercial MATE-N-LOK—
pages 151-162
.140 MATE-N-LOK—pages 165-167
Universal MATE-N-LOK—
pages 169-188
Universal MATE-N-LOK II—
pages 189-195
.156 MATE-N-LOK—pages 203-204
Various technical documents are available for your use:
Product Specifications describe technical performance characteristics and verification tests.
They are intended for the Design, Component and Quality Engineer.
108-1000
Commercial MATE-N-LOK Connectors
108-1022
(MR) Miniature Rectangular Connectors
108-1031
Universal MATE-N-LOK Connectors
108-1031-1
Splash Proof Seal, Universal MATE-N-LOK Connectors
108-1032
.140 Diameter MATE-N-LOK Pin and Socket Connectors
108-1037
.062 Commercial Pin and Socket Connectors
108-1037-1
.062 Commercial Pin and Socket Contacts
108-1038
.093 Commercial Pin and Socket Connector
108-1053
Universal MATE-N-LOK Printed Circuit Board Headers
108-1077
Commercial MATE-N-LOK Printed Circuit Board Headers
108-1078
(MR) Miniature Rectangular Printed Circuit Board Headers
108-1090
Universal MATE-N-LOK II Connectors
108-1542
Mini-Universal MATE-N-LOK Connectors
108-1542-2
Splash Proof Seals for Mini-Universal MATE-N-LOK Connectors
108-1543
Mini-Universal MATE-N-LOK Headers
108-1594
Universal MATE-N-LOK Headers with High Current Contacts
108-1693
Mini-Universal MATE-N-LOK II Connectors
108-1694
Mini-Universal MATE-N-LOK II Headers
108-1699
AMP-DUAC Headers
108-1836
Micro MATE-N-LOK 3 mm Connectors
108-2069
Universal MATE-N-LOK Circular Connector
108-5138
Mini-Universal MATE-N-LOK Connectors (UL 94V-0)
108-5151
Mini-Universal MATE-N-LOK Connectors (UL 94V-2)
108-5155
Commercial MATE-N-LOK Pin Header Assembly
108-5222
Universal MATE-N-LOK Headers with ACTION PIN Contacts
108-5410
Power Double Lock (PDL) Connectors
108-5439
Power Double Lock (PDL) Connectors (SMT)
108-5459
2.5 mm Signal Double Lock (SDL) Connectors
108-5699
5.0 mm Power Key Connectors (PKC)
108-5810
Grace Inertia Connectors (GIC) 3.5
108-8002
.156 Diameter MATE-N-LOK Connectors
108-19099
AMP-DUAC Receptacles
108-49000
Commercial MATE-N-LOK IDC Insulation Displacement Connectors
Application Specifications describe requirements for using the product in its intended appli-
cation and/or crimping information. They are intended for the Packaging and Design
Engineer and the Machine Setup Person.
114-1007
.140 Diameter MATE-N-LOK Contacts
114-1010
Universal MATE-N-LOK Connectors
114-1012
Commercial MATE-N-LOK Contacts
114-1013
.062 Commercial Pin and Socket Connectors
114-1014
(MR) Miniature Rectangular Contacts
114-1043
Universal MATE-N-LOK II Connectors (housings, contacts and strain reliefs)
114-1109
.156 Diameter MATE-N-LOK Connectors
114-1111
Mini-Universal MATE-N-LOK 2 Connectors
114-5175
Power Double Lock (PDL) Connectors
114-5203
2.5 mm Signal Double Lock (SDL) Connectors
114-5292
5.0 mm Power Key Connectors (PKC)
114-5306
Grace Inertia Connectors (GIC) 3.5
114-6067
AMP-DUAC Crimping Contacts
114-13000
Micro MATE-N-LOK 3 mm Connectors


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com