Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 77 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 77 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 73Page - Tyco Electronics 3-1376384-4 Datasheet HTML 74Page - Tyco Electronics 3-1376384-4 Datasheet HTML 75Page - Tyco Electronics 3-1376384-4 Datasheet HTML 76Page - Tyco Electronics 3-1376384-4 Datasheet HTML 77Page - Tyco Electronics 3-1376384-4 Datasheet HTML 78Page - Tyco Electronics 3-1376384-4 Datasheet HTML 79Page - Tyco Electronics 3-1376384-4 Datasheet HTML 80Page - Tyco Electronics 3-1376384-4 Datasheet HTML 81Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
211
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Applicator Options
AMP
Soft Shell
Pin and Socket Connectors
Strip Form Contact
Heavy-Duty Miniature Applicator Part Numbers
Part Number
Used on Bench Top Terminators
Used on Automatic Leadmaking
Used on
Pin
Socket
AMP-O-LECTRIC
AMP-O-LECTRIC
Equipment (AMPOMATOR CLS
AMP-O-MATIC
Model K Machine
Model G Machine
Machine with T or G Terminators)
Stripper-Crimper Machine
917764-1
917683-1
**
*
*
917765-1
917684-1
**
*
*
1-794608-0
1-794608-1
1385194-2
1385194-3
1385194-1
1-794608-2
1-794609-0
1-794609-1
1385377-2
1385377-3
1385377-1
1-794609-2
794606-1
1-794606-1
680893-2
680893-3
680893-1
1-794606-2
794607-1
1-794607-1
680894-2
680894-3
680894-1
1-794607-2
1565080-1
1565079-1
**
*
*
1612335-1
1612334-1
**
*
*
640391-1
640392-1
640391-5
640392-5
466686-2
466686-3
466686-1
466955-1
640392-2
794046-1
350629-1
350628-1
350628-2
350629-5
350628-5
687996-2
687996-3
687996-1
350628-6
794103-1
177916-1
177914-1
**
*
*
177914-2†
**
*
*
177917-1
177915-1
**
*
*
177915-2†
**
*
*
† High contact pressure type.
770835-1
770834-1
1-770835-0
1-770834-0
567418-2
567418-3
567418-1
770901-1
770902-1
1-770901-0
1-770902-0
567066-4
567066-5
567066-3
466990-2
770903-1
770904-1
1-770903-0
1-770904-0
567067-2
567067-3
567067-1
466986-1
171636-1
171637-1
171637-3
680582
567251-1
680582
567902-1
794216-1
794217-1
1-794216-0
1-794217-0
567418-2
567418-3
567418-1
794218-1
794219-1
1-794218-0
1-794219-0
567066-4
567066-5
567066-3
466990-2
794220-1
794221-1
1-794220-0
1-794221-0
680854-2
680854-3
680854-1
466986-1
794222-1
794223-1
1-794222-0
1-794223-0
680582-2
680582-3
567902-1
350968-1
794000-1
350968-2
794000-2
466352-2
466352-3
466352-1
350967-1
641294-1
350967-2
641294-2
466351-2
466351-4
466351-1
466913-1
350969-1
350969-2
466351-2
466351-4
466351-1
466913-1
2.5 mm Signal Double
Lock (SDL) Contacts
Grace Inertia
Connectors (GIC) 3.5
Power Double Lock
(PDL)
Micro MATE-N-LOK
3 mm Connector
System
.062 Commercial Pin
and Socket Contacts
Mini-Universal
MATE-N-LOK 2
Contacts
Mini-Universal
MATE-N-LOK
Contacts
(MR) Miniature
Rectangular
Contacts
Note: Stripper Crimper (SCA) and Crimp Quality Monitor Applicators may be available. Call Technical Support for Part Numbers.
* Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Numbers.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com