Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 85 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 85 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 81Page - Tyco Electronics 3-1376384-4 Datasheet HTML 82Page - Tyco Electronics 3-1376384-4 Datasheet HTML 83Page - Tyco Electronics 3-1376384-4 Datasheet HTML 84Page - Tyco Electronics 3-1376384-4 Datasheet HTML 85Page - Tyco Electronics 3-1376384-4 Datasheet HTML 86Page - Tyco Electronics 3-1376384-4 Datasheet HTML 87Page - Tyco Electronics 3-1376384-4 Datasheet HTML 88Page - Tyco Electronics 3-1376384-4 Datasheet HTML 89Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
219
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Non-Compliant to RoHS Compliant Part Number Cross Reference (Continued)
1-794665-8
1-1586492-8
2-794665-0
2-1586492-0
2-794665-2
2-1586492-2
2-794665-4
2-1586492-4
794666-2
1586493-2
794666-4
1586493-4
794666-6
1586493-6
794666-8
1586493-8
1-794666-0
1-1586493-0
1-794666-2
1-1586493-2
1-794666-4
1-1586493-4
1-794666-6
1-1586493-6
1-794666-8
1-1586493-8
2-794666-0
2-1586493-0
2-794666-2
2-1586493-2
2-794666-4
2-1586493-4
794667-2
1586494-2
794667-4
1586494-4
794667-6
1586494-6
794667-8
1586494-8
1-794667-0
1-1586494-0
1-794667-2
1-1586494-2
1-794667-4
1-1586494-4
1-794667-6
1-1586494-6
1-794667-8
1-1586494-8
2-794667-0
2-1586494-0
2-794667-2
2-1586494-2
2-794667-4
2-1586494-4
794668-2
1586495-2
794668-4
1586495-4
794668-6
1586495-6
794668-8
1586495-8
1-794668-0
1-1586495-0
1-794668-2
1-1586495-2
1-794668-4
1-1586495-4
1-794668-6
1-1586495-6
1-794668-8
1-1586495-8
2-794668-0
2-1586495-0
2-794668-2
2-1586495-2
2-794668-4
2-1586495-4
794669-2
1586496-2
794669-4
1586496-4
794669-6
1586496-6
794669-8
1586496-8
1-794669-0
1-1586496-0
1-794669-2
1-1586496-2
1-794669-4
1-1586496-4
1-794669-6
1-1586496-6
1-794669-8
1-1586496-8
2-794669-0
2-1586496-0
2-794669-2
2-1586496-2
2-794669-4
2-1586496-4
794677-2
3-794677-2
794677-4
3-794677-4
794677-6
3-794677-6
794677-8
3-794677-8
1-794677-0
4-794677-0
1-794677-2
4-794677-2
1-794677-4
4-794677-4
1-794677-6
4-794677-6
1-794677-8
4-794677-8
Non-Compliant
RoHS Compliant
Part Number
Part Number
2-794677-0
5-794677-0
2-794677-2
5-794677-2
2-794677-4
5-794677-4
794678-2
3-794678-2
794678-4
3-794678-4
794678-6
3-794678-6
794678-8
3-794678-8
1-794678-0
4-794678-0
1-794678-2
4-794678-2
1-794678-4
4-794678-4
1-794678-6
4-794678-6
1-794678-8
4-794678-8
2-794678-0
5-794678-0
2-794678-2
5-794678-2
2-794678-4
5-794678-4
794679-2
3-794679-2
794679-4
3-794679-4
794679-6
3-794679-6
794679-8
3-794679-8
1-794679-0
4-794679-0
1-794679-2
4-794679-2
1-794679-4
4-794679-4
1-794679-6
4-794679-6
1-794679-8
4-794679-8
2-794679-0
5-794679-0
2-794679-2
5-794679-2
2-794679-4
5-794679-4
794680-2
3-794680-2
794680-4
3-794680-4
794680-6
3-794680-6
794680-8
3-794680-8
1-794680-0
4-794680-0
1-794680-2
4-794680-2
1-794680-4
4-794680-4
1-794680-6
4-794680-6
1-794680-8
4-794680-8
2-794680-0
5-794680-0
2-794680-2
5-794680-2
2-794680-4
5-794680-4
794681-2
3-794681-2
794681-4
3-794681-4
794681-6
3-794681-6
794681-8
3-794681-8
1-794681-0
4-794681-0
1-794681-2
4-794681-2
1-794681-4
4-794681-4
1-794681-6
4-794681-6
1-794681-8
4-794681-8
2-794681-0
5-794681-0
2-794681-2
5-794681-2
2-794681-4
5-794681-4
794682-2
3-794682-2
794682-4
3-794682-4
794682-6
3-794682-6
794682-8
3-794682-8
1-794682-0
4-794682-0
1-794682-2
4-794682-2
1-794682-4
4-794682-4
1-794682-6
4-794682-6
1-794682-8
4-794682-8
2-794682-0
5-794682-0
Non-Compliant
RoHS Compliant
Part Number
Part Number
2-794682-2
5-794682-2
2-794682-4
5-794682-4
794704-1
1586542-1
1445050-2
2-1445050-2
1445050-3
2-1445050-3
1445050-4
2-1445050-4
1445050-5
2-1445050-5
1445050-6
2-1445050-6
1445050-7
2-1445050-7
1445050-8
2-1445050-8
1445050-9
2-1445050-9
1-1445050-0
3-1445050-0
1-1445050-1
3-1445050-1
1-1445050-2
3-1445050-2
1445051-2
2-1445051-2
1445051-3
2-1445051-3
1445051-4
2-1445051-4
1445051-5
2-1445051-5
1445051-6
2-1445051-6
1445051-7
2-1445051-7
1445051-8
2-1445051-8
1445051-9
2-1445051-9
1-1445051-0
3-1445051-0
1-1445051-1
3-1445051-1
1-1445051-2
3-1445051-2
1445052-2
2-1445052-2
1445052-3
2-1445052-3
1445052-4
2-1445052-4
1445052-5
2-1445052-5
1445052-6
2-1445052-6
1445052-7
2-1445052-7
1445052-8
2-1445052-8
1445052-9
2-1445052-9
1-1445052-0
3-1445052-0
1-1445052-1
3-1445052-1
1-1445052-2
3-1445052-2
1445053-2
2-1445053-2
1445053-3
2-1445053-3
1445053-4
2-1445053-4
1445053-5
2-1445053-5
1445053-6
2-1445053-6
1445053-7
2-1445053-7
1445053-8
2-1445053-8
1445053-9
2-1445053-9
1-1445053-0
3-1445053-0
1-1445053-1
3-1445053-1
1-1445053-2
3-1445053-2
1445054-2
2-1445054-2
1445054-3
2-1445054-3
1445054-4
2-1445054-4
1445054-5
2-1445054-5
1445054-6
2-1445054-6
1445054-7
2-1445054-7
1445054-8
2-1445054-8
1445054-9
2-1445054-9
1-1445054-0
3-1445054-0
1-1445054-1
3-1445054-1
1-1445054-2
3-1445054-2
1445055-2
2-1445055-2
1445055-3
2-1445055-3
1445055-4
2-1445055-4
Non-Compliant
RoHS Compliant
Part Number
Part Number
1445055-5
2-1445055-5
1445055-6
2-1445055-6
1445055-7
2-1445055-7
1445055-8
2-1445055-8
1445055-9
2-1445055-9
1-1445055-0
3-1445055-0
1-1445055-1
3-1445055-1
1-1445055-2
3-1445055-2
1445056-2
2-1445056-2
1445056-3
2-1445056-3
1445056-4
2-1445056-4
1445056-5
2-1445056-5
1445056-6
2-1445056-6
1445056-7
2-1445056-7
1445056-8
2-1445056-8
1445056-9
2-1445056-9
1-1445056-0
3-1445056-0
1-1445056-1
3-1445056-1
1-1445056-2
3-1445056-2
1445057-2
2-1445057-2
1445057-3
2-1445057-3
1445057-4
2-1445057-4
1445057-5
2-1445057-5
1445057-6
2-1445057-6
1445057-7
2-1445057-7
1445057-8
2-1445057-8
1445057-9
2-1445057-9
1-1445057-0
3-1445057-0
1-1445057-1
3-1445057-1
1-1445057-2
3-1445057-2
1445058-2
2-1445058-2
1445058-3
2-1445058-3
1445058-4
2-1445058-4
1445058-5
2-1445058-5
1445058-6
2-1445058-6
1445058-7
2-1445058-7
1445058-8
2-1445058-8
1445058-9
2-1445058-9
1-1445058-0
3-1445058-0
1-1445058-1
3-1445058-1
1-1445058-2
3-1445058-2
1445084-2
2-1445084-2
1445084-3
2-1445084-3
1445084-4
2-1445084-4
1445084-5
2-1445084-5
1445084-6
2-1445084-6
1445084-7
2-1445084-7
1445084-8
2-1445084-8
1445084-9
2-1445084-9
1-1445084-0
3-1445084-0
1-1445084-1
3-1445084-1
1-1445084-2
3-1445084-2
1445085-2
2-1445085-2
1445085-3
2-1445085-3
1445085-4
2-1445085-4
1445085-5
2-1445085-5
1445085-6
2-1445085-6
1445085-7
2-1445085-7
1445085-8
2-1445085-8
1445085-9
2-1445085-9
1-1445085-0
3-1445085-0
Non-Compliant
RoHS Compliant
Part Number
Part Number
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com