Electronic Components Datasheet Search |
|
3-1376384-4 Datasheet(PDF) 14 Page - Tyco Electronics |
|
3-1376384-4 Datasheet(HTML) 14 Page - Tyco Electronics |
14 / 98 page 148 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .093 [2.36] Commercial Pin and Socket Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Housings Free-Hanging or Panel Mount .250 [6.35] Centerline spacing Material Housing —Nylon, natural color Flammability Rating — UL94V-2 Voltage Rating—600 V AC or DC Related Product Data Contacts —page 145 Product Specification —108-1038 Receptacle Plug Receptacle Plug Receptacle Plug Recommended Panel Cutouts Maximum panel thickness is .062 [1.57]. Note: The panel should be punched so that the housing enters in the same direction as the punch. 4 Circuit, In-Line 3 Circuit, In-Line 6 Circuit, Matrix Receptacle Part Numbers Plug Part Numbers No. of Panel Free- Panel Free- Circuits Mount Hanging Mount Hanging 3 770269-1 770339-1 770338-1 770276-1 770771-11 4 770329-1 770337-1 770330-1 770336-1 6 770372-1 770360-1 770373-1 770361-1 1 Pre-bent mounting ears. Panel Cutout Dimensions No. of Receptacle Plug Circuits ABAB .310 .920 .365 1.022 3 7.87 23.37 9.27 25.96 .310 1.168 .365 1.270 4 7.87 29.67 9.27 32.26 .608 .946 .658 1.048 6 15.44 24.03 16.71 26.62 .250 [6.35] Typ. .790 20.07] Panel-Mount Flange 1.145 [29.08] 545 3.84] Max. .250 [6.35] .641 [16.28] .886 [22.50] .250 [6.35] .250 [6.35] Typ. 1.105 [28.07] Panel-Mount Flange 1 1.112 [28.24] 1.100 [27.94] Panel-Mount Flange .350 [8.89] Max. .250 [6.35] Typ. .350 [8.89] .250 [6.35] .862 [21.89] Panel-Mount Flange 1.100 [27.94] .250 [6.35] Typ. .765 [19.43] .255 [6.48] Max. 1.140 [28.96] Panel-Mount Flange 1.005 [25.53] 1.140 [28.97] Panel-Mount Flange 250 6.35] Typ. .255 [6.48] B A Note: All part numbers are RoHS Compliant. |
Similar Part No. - 3-1376384-4 |
|
Similar Description - 3-1376384-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |