Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 15Page - Tyco Electronics 3-1376384-4 Datasheet HTML 16Page - Tyco Electronics 3-1376384-4 Datasheet HTML 17Page - Tyco Electronics 3-1376384-4 Datasheet HTML 18Page - Tyco Electronics 3-1376384-4 Datasheet HTML 19Page - Tyco Electronics 3-1376384-4 Datasheet HTML 20Page - Tyco Electronics 3-1376384-4 Datasheet HTML 21Page - Tyco Electronics 3-1376384-4 Datasheet HTML 22Page - Tyco Electronics 3-1376384-4 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
153
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Commercial MATE-N-LOK Connector Mating Combinations
Connector Part Number
Mating Connector Part Number
PC Board Headers
Number
Flammability
Housing
Connector
Housing
Housing
Vertical
Vertical
of
Rating
Style
Type
Part No.
Part No.
Type
Pin
Right-Angle
Socket
Circuits
Plating
Standard
Long
Pin
Standard
Long
Tail
Tail
Tail
Tail
1-480350-0
Pin: FH
——
Socket: FH
1-480349-0
1-480351-0
Pin: FH
——
1
UL94V-2
In-Line
Positive Lock
Socket: FH
1-480400-0
1-480401-1
Pin: FH
——
UV Stable
UV Stable
Socket: FH
1-480318-0
1-480319-0
Pin: FH
Pre-tin
350209-1
350422-1
794120-1
——
Duplex1
1586512-2
——
Socket: FH
1-480393-1
1-480498-1
Pin: FH
——
2
UL94V-2
In-Line
UV Stable
UV Stable
Socket: FH
1-480720-0
794012-1
Pin: FH
Pre-tin
350539-1
350540-1
——
Positive Lock
Positive Lock
Duplex1
1586530-2
——
Socket: FH
1-480303-0
Pre-tin
350210-1
350423-1
643488-1
——
1-480305-0
Pin: FH
Duplex1
1586514-2
——
Socket: PM
1-480304-0
——
3
UL94V-2
In-Line
Socket: FH
1-480721-0
——
Pre-tin
350541-1
350542-1
——
Positive Lock
Duplex1
1586532-2
——
Socket: FH
1-480388-0
1-480387-0
Pin: FH
——
UV Stable
UV Stable
4
See next page for 4 position mating combinations
1-480340-0
Pin: FH
Pre-tin
1-380999-0
350425-1
——
Socket: FH
1-480270-0
Positive Lock
Positive Lock
1-480271-0
Pin: MM
Duplex1
2-1586546-0
1586526-2
——
Positive Lock
6
UL94V-2
Matrix
Socket: PM
1-480273-0
1-480276-0
Pin: PM
Pre-tin
——
Positive Lock
Positive Lock
Duplex1
——
Pin: PM
1-480276-0
1-480273-0
Socket: PM
Pre-tin
——
350641-1
350576-1
Positive Lock
Positive Lock
Duplex1
——
1-480345-0
Pin: FH
Pre-tin
350212-1
350426-1
——
8
UL94V-2
Dual
Socket: FH
1-480283-0
Positive Lock
Row
Positive Lock
1-480284-0
Pin: MM
Duplex1
1586518-2
1586528-2
——
Positive Lock
9
UL94V-2
Matrix
Pin: PM
1-480277-0
1-480274-0
Socket: PM
Pre-tin
——
350642-1
350577-1
Positive Lock
Positive Lock
Duplex1
——
1-480339-0
Pin: FH
Pre-tin
1-380991-0
350219-1
——
10
UL94V-2
Dual
Socket: FH
1-480285-0
Positive Lock
Row
Positive Lock
1-480286-0
Pin: MM
Duplex1
2-1586544-0
——
Positive Lock
Dual
Socket: MM
1-480287-0
1-480288-0
Pin: MM
Pre-tin
350213-1
350220-1
——
12
UL94V-2
Row
Positive Lock
Positive Lock
Duplex1
1586520-2
1586524-2
——
Matrix
Pin: PM
1-480278-0
1-480275-0
Socket: PM
Pre-tin
——
350643-1
350578-1
Positive Lock
Positive Lock
Duplex1
——
15
UL94V-2
Matrix
Pin: PM
1-480324-0
1-480323-0
Socket: PM
Pre-tin
——
350644-1
350579-1
Positive Lock
Positive Lock
Duplex1
——
16
UL94V-2
Dual
Socket: MM
1-480438-0
1-480439-0
Pin: MM
Pre-tin
350214-1
350427-1
——
Row
Positive Lock
Positive Lock
Duplex1
1586522-2
1586529-2
——
FH: Free-Hanging
PM: Panel Mount
MM: Motor Mount
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050 [.00127] min. nickel underplate on entire contact.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com