Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 18Page - Tyco Electronics 3-1376384-4 Datasheet HTML 19Page - Tyco Electronics 3-1376384-4 Datasheet HTML 20Page - Tyco Electronics 3-1376384-4 Datasheet HTML 21Page - Tyco Electronics 3-1376384-4 Datasheet HTML 22Page - Tyco Electronics 3-1376384-4 Datasheet HTML 23Page - Tyco Electronics 3-1376384-4 Datasheet HTML 24Page - Tyco Electronics 3-1376384-4 Datasheet HTML 25Page - Tyco Electronics 3-1376384-4 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
156
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Pin diameter .084 [2.13]
Stock thickness .012 [.305]
These contacts are to be used in
Commercial MATE-N-LOK housings
only.
Related Product Data
Product Specification
108-1000 Commercial MATE-N-LOK
Connectors
Application Specification
114-1012 Commercial MATE-N-LOK
Contacts
Performance Characteristics—
pages 151-152
Housings—pages 157-159
Technical Documents—pages 151
and 205-206
Application Tooling—pages 207-210
Part Number
200821-1
Note: Keying plug snaps into socket housing
Pin
Socket
Keying Plug
IS 408-7582
Material
Housing — Nylon, natural color
Flammability Rating — UL94V-2
1.000
[2.54]
Part Numbers
Type of Contact
L Dim.
Material & Finish
Pin
Socket
Pin
Socket
Loose Piece
Loose Piece
PC Board
1.110
1.010
Phos. Brz., Pre-tin
61518-11
61320-11
[28.19]
[25.65]
1.210
1.110
Phos. Brz., Pre-tin
[30.73]
[28.19]
350074-12
350073-12
1
For .062 [1.57] max. board thickness — Board hole size .057 [1.45]
2
For .125 [3.14] max. board thickness — Board hole size .057 [1.45]
L
L
.900
[22.86]
Grounding Pin
(.095 [2.41] longer than standard pin)
(Mate first, break last, not for interrupting
current)
PC Board Contacts
Wire Size Range
Ins. Dia.
Contact Part Numbers
HDM
Hand Tool
Material & Finish
Applicator
AWG [mm2]
Range
Strip Form
Loose Piece
Part No.
Part No.
24-18
.060-.100
466320-11
Brass, Pre-tin
61527-2
466320-21
91512-1
[.2-.8]
1.52-2.54
466320-41
1
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine; -3, -4, or -6 is used on AMP-O-LECTRIC Model G Machine. See
pages 207-210 for further information.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com