Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 37 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 37 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 33Page - Tyco Electronics 3-1376384-4 Datasheet HTML 34Page - Tyco Electronics 3-1376384-4 Datasheet HTML 35Page - Tyco Electronics 3-1376384-4 Datasheet HTML 36Page - Tyco Electronics 3-1376384-4 Datasheet HTML 37Page - Tyco Electronics 3-1376384-4 Datasheet HTML 38Page - Tyco Electronics 3-1376384-4 Datasheet HTML 39Page - Tyco Electronics 3-1376384-4 Datasheet HTML 40Page - Tyco Electronics 3-1376384-4 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
171
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Universal MATE-N-LOK Connector Mating Combinations
Connector Part Number7
Mating Connector Part Number
PC Board Headers7
Number
Flammability
Plug
Cap
Vertical Pin2
Vertical Socket2
Right-Angle2
of
Style
Part
Part
Plating
Standard
Standard
Long
Standard
Standard
Long
Circuits
Rating
Number2
Number2
Tail
Tail
Pin
Socket
Tail
Polarized
Tail
Tail
Polarized
Tail
1
UL94V-2
1-350867-0
770421-1
———
UL94V-0
350865-1
350866-1
———
UL94V-2
In-Line
1-480698-0
1-480699-0
Pre-tin
350428-1
641963-1
350582-1
350759-4
643411-1
350986-4
——
794814-13
794815-13
Duplex1 350428-4
641963-3
350582-4
350759-5
——
2
Pre-tin
350786-1
641964-1
350787-1
350824-1
643412-1
350831-1
1-350942-0
643226-1
UL94V-0
In-Line
350777-1
350778-1
1-641964-15
Duplex1 350786-3
641964-3
350787-3
350824-4
643412-3
3-350942-0
UL94V-2 In-Line6
1-480700-0
1-480701-0
Pre-tin
350429-1
641965-1
350583-1
350760-4
643413-1
350987-4
——
794901-13
794900-13
Duplex1 350429-4
350583-4
350760-5
——
3
Pre-tin
350789-1
641966-1
350790-1
350825-1
643414-1
350832-1
1-350943-0
643228-1
UL94V-0
In-Line
350766-1
350767-1
1-641966-14
Duplex1 350789-3
350790-3
350825-4
643414-3
350832-4
3-350943-0 3-643228-0
UL94V-2
In-Line
1-480702-0
1-480703-0
Pre-tin
350430-1
641967-1
350584-1
350761-4
643415-1
350988-4
1-350948-0
4
794899-13
794707-13
Duplex1 350430-4
350584-4
350761-5
350988-5
——
UL94V-0
In-Line
350779-1
350780-1
Pre-tin
350792-1
641968-1
350793-1
350826-1
643416-1
350833-1
1-350944-0
643230-1
Duplex1 350792-3
350793-3
350826-4
350833-4
3-350944-0 3-643230-0
UL94V-2
In-Line 1-480763-0
1-480764-03 Pre-tin
640466-1
643405-1
640467-1
——
1-350949-0
5
794863-13
Duplex1 640466-3
——
640467-3
——
UL94V-0
In-Line
350809-1
350810-1
Pre-tin
640900-1
643406-1
640901-1
——
1-350945-0
643232-1
Duplex1 640900-3
——
640901-3
——
3-350945-0 3-643232-0
UL94V-2
In-Line
640585-1
926307-1
Pre-tin
641832-1
643407-1
——
640587-1
Duplex1 641832-3
———
UL94V-0
In-Line
640581-1
926307-3
Pre-tin
641831-1
643408-1
770262-1
——
640583-1
643234-1
6
Duplex1 641831-3
——
770262-3
——
640583-3 3-643234-0
1-480704-0
1-480705-0
Pre-tin
350431-1
641969-1
350585-1
350762-4
643423-1
350989-4
——
UL94V-2
Matrix6
794535-13
794096-15
794536-13
Duplex1 350431-4
350585-4
350762-5
350989-5
——
UL94V-0
Matrix
350715-1
350781-1
Pre-tin
350711-1
641970-1
350732-1
350827-1
643424-1
350834-1
——
Duplex1 350711-4
641970-3
350732-4
350827-4
643424-3
350834-4
——
UL94V-2
In-Line
640586-1
926308-1
Pre-tin
641825-1
770143-1
——
8
Duplex1
———
UL94V-0
In-Line
640582-1
926308-3
Pre-tin
641828-1
643410-1
——
640584-1
643236-1
Duplex1
643410-3
——
640584-3 3-643236-0
UL94V-2
Matrix
1-480706-0
1-480707-0
Pre-tin
350432-1
641971-1
350586-1
350763-4
643425-1
350990-4
——
794537-13
794538-13
Duplex1 350432-4
641971-3
350586-4
350763-5
350990-5
——
9
Pre-tin
350712-1
641972-1
350742-1
350828-1
643426-1
350835-1
——
UL94V-0
Matrix
350720-1
350782-1
1-641972-14
Duplex1 350712-4
641972-3
350742-4
350828-4
643426-3
350835-4
——
UL94V-2
In-Line
926302-1
926309-1
Pre-tin
———
10
Duplex1
———
UL94V-0
In-Line
926302-3
926309-3
Pre-tin
———
Duplex1
———
UL94V-2
Matrix
1-480708-0
1-480709-0
Pre-tin
350433-1
641973-1
350587-1
350764-4
350991-4
——
794851-13
794727-13
Duplex1 350433-4
350587-4
350764-5
350991-5
——
12
Pre-tin
350713-1
641974-1
350737-1
350829-1
643428-1
350836-1
——
UL94V-0
Matrix
350735-1
350783-1
1-641974-14
Duplex1 350713-4
641974-3
350737-4
350829-4
350836-4
——
UL94V-26
Matrix
1-480710-0
1-480711-0
Pre-tin
350434-1
641975-1
350588-1
350765-4
643429-1
350992-4
——
15
794546-13
794545-13
Duplex1 350434-4
350588-4
350765-5
——
UL94V-0
Matrix
350736-1
350784-1
Pre-tin
350714-1
641976-1
350738-1
350830-1
643430-1
350837-1
——
Duplex1 350714-4
641976-4
350738-4
350830-4
350837-4
——
Note: All part numbers are RoHS Compliant.
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area,
matte tin on solder tail end over .000050 [.00127] min. nickel underplate
on entire contact.
2
Universal MATE-N-LOK Plug and Cap housings accept pin or socket con-
tacts. Use the appropriate contacts in the Plug housing as required by the
mating component.
3
Housing material has 125°C temperature rating.
4
Black in color.
5
Tool Removable
6
UV Resistant housing material available.
7
European glow wire housing material available.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com