Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 39 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 39 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 35Page - Tyco Electronics 3-1376384-4 Datasheet HTML 36Page - Tyco Electronics 3-1376384-4 Datasheet HTML 37Page - Tyco Electronics 3-1376384-4 Datasheet HTML 38Page - Tyco Electronics 3-1376384-4 Datasheet HTML 39Page - Tyco Electronics 3-1376384-4 Datasheet HTML 40Page - Tyco Electronics 3-1376384-4 Datasheet HTML 41Page - Tyco Electronics 3-1376384-4 Datasheet HTML 42Page - Tyco Electronics 3-1376384-4 Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
173
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Split pin diameter .086 [2.18]
Stock thickness .012 [.305]
These contacts can be used in either
Universal MATE-N-LOK Plug or Cap
housings only.
Related Product Data
Product Specification
108-1031 Universal MATE-N-LOK
Connectors
Application Specification
114-1010 Universal MATE-N-LOK
Contacts
Performance Characteristics—
pages 169-170
Technical Documents— pages 169
and 205-206
Application Tooling— pages 207-210
Housings—page 174
Split Pins
Wire Size Range
Ins. Dia.
L
Contact Part Number
HDM
Hand Tool
AWG [mm2]
Range
Dim.
Material & Finish
Applicator
Part No.
Strip Form
Loose Piece
Part No.
24-18
.040-.100
.790
Brass, Pre-tin
350699-1
350706-1
466320-13
[.2-.8]
1.02-2.54
20.06
Brass, Gold1
350699-2
350706-2
466320-23
91510-1
Brass, Select Gold2
350699-7
350706-7
466320-43
20-14
.060-.130
.790
Brass, Pre-tin
350687-1
350705-1
687763-13
[.5-2.0]
1.52-3.30
20.06
Brass, Gold1
350687-2
350705-2
687763-23
91500-1
Brass, Select Gold2
350687-7
350705-7
687763-63
.130-.200
.810
Brass, Pre-tin
350700-1
350707-1
687926-13
91508-14
3.30-5.08
20.57
Brass, Gold1
350700-2
350707-2
687926-23
91506-14
Brass, Select Gold2
350700-7
350707-7
687926-63
1
Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127]
min. nickel underplate on entire contact.
2
Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel
underplate on entire contact.
3
HDM Applicator part number ending in -1, is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -4 & -6 are used on AMP-O-LECTRIC Model G Machine. See
pages 207-210 for further information.
4
Hand Tool No. 91508-1 for wire size 20-18 AWG. Hand Tool No. 91506-1 for wire size 16-14 AWG.
Notes:
1. Split pins recommended for use in housings having 6, 9, 12 and 15 circuits to reduce mating force.
2. Phosphor bronze material contacts are available for use in high temperature/humidity cycling applications,
consult Tyco Electronics.
Note: This contact will accept a 110
Series FASTON Receptacle — Part
No. 350871-1 (strip form) allowing
simple field wiring or wiring changes.
Grounding Pins
(.100 [2.54] longer than standard pin)
(Mate first, break last, not for interrupting
current)
Wire Size Range
Ins. Dia.
L
Contact Part Number
HDM
Hand Tool
AWG [mm2]
Range
Dim.
Material & Finish
Applicator
Part No.
Strip Form
Loose Piece
Part No.
24-18
.060-.130
.890
Brass, Pre-tin
770210-1
567216-22
[.2-.8]
1.52-3.30
22.60
567216-32
20-14
.060-.130
.890
687763-12
Brass, Pre-tin
350654-1
350669-1
687763-22
91500-1
[.5-2.0]
1.52-3.30
22.60
687763-62
466597-12
12-10
.200 max.1
.910
Phos. Brz., Pre-tin
770234-3
466597-22
[3.0-5.0]
5.08
23.11
466597-32
1
There is no insulation barrel on this contact. Insulation maximum diameter is limited by the housing.
2
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -3 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages
207-210 for further information.
Programmable Connector
Contact
(Socket with 110 Series Special
FASTON Tab)
Material and Finish
Brass, pre-tin
.805
[20.45]
.048
[1.22] Dia.
Part Number
350877-1
20-14
[.5-2.0]
or
2@18 [.8]
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com