Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376384-4 Datasheet(PDF) 54 Page - Tyco Electronics

Part # 3-1376384-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376384-4 Datasheet(HTML) 54 Page - Tyco Electronics

Back Button 3-1376384-4 Datasheet HTML 50Page - Tyco Electronics 3-1376384-4 Datasheet HTML 51Page - Tyco Electronics 3-1376384-4 Datasheet HTML 52Page - Tyco Electronics 3-1376384-4 Datasheet HTML 53Page - Tyco Electronics 3-1376384-4 Datasheet HTML 54Page - Tyco Electronics 3-1376384-4 Datasheet HTML 55Page - Tyco Electronics 3-1376384-4 Datasheet HTML 56Page - Tyco Electronics 3-1376384-4 Datasheet HTML 57Page - Tyco Electronics 3-1376384-4 Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
188
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Universal MATE-N-LOK Connectors — Available in Colors
Base Part Number
No. of Circuits
Housing
Material
480698
2
Plug
V-2
480699
2
Cap
V-2
480700
3
Plug
V-2
480701
3
Cap
V-2
480702
4
Plug
V-2
480703
4
Cap
V-2
480763*
5
Plug*
V-2
480764*
5
Cap*
V-2
480704
6
Plug
V-2
480705
6
Cap
V-2
480706
9
Plug
V-2
480707
9
Cap
V-2
480708
12
Plug
V-2
480709
12
Cap
V-2
480710
15
Plug
V-2
480711
15
Cap
V-2
350777
2
Plug
V-0
350778
2
Cap
V-0
350766
3
Plug
V-0
350767
3
Cap
V-0
350799
4
Plug
V-0
350780
4
Cap
V-0
350809
5
Plug
V-0
350810
5
Cap
V-0
350715
6
Plug
V-0
350781
6
Cap
V-0
350720
9
Plug
V-0
350782
9
Cap
V-0
350735
12
Plug
V-0
350783
12
Cap
V-0
350736
15
Plug
V-0
350784
15
Cap
V-0
Dash Number
Color
1-xxxxxx-0
Natural
1-xxxxxx-1
Brown
1-xxxxxx-2
Red
1-xxxxxx-3
Orange
1-xxxxxx-4
Yellow
1-xxxxxx-5
Green
1-xxxxxx-6
Blue
1-xxxxxx-8
Gray
1-xxxxxx-9
Black
* Special for Base
Part Numbers 480763 and
480764
Dash Number
Color
xxxxxx-1
Natural
1-xxxxxx-1
Brown
1-xxxxxx-2
Red
1-xxxxxx-3
Orange
1-xxxxxx-4
Yellow
1-xxxxxx-5
Green
1-xxxxxx-6
Blue
1-xxxxxx-8
Gray
1-xxxxxx-9
Black
Note: See corresponding Universal
MATE-N-LOK Plug and Cap Housing
Base Part Numbers on page 175.
Header Housings on pages 182-185
are also available in colors. Call
Technical Support for exact Part
Numbers.


Similar Part No. - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376384-4 MACOM-3-1376384-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376384-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com