Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376385-4 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376385-4 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 3-1376385-4 Datasheet HTML 22Page - Tyco Electronics 3-1376385-4 Datasheet HTML 23Page - Tyco Electronics 3-1376385-4 Datasheet HTML 24Page - Tyco Electronics 3-1376385-4 Datasheet HTML 25Page - Tyco Electronics 3-1376385-4 Datasheet HTML 26Page - Tyco Electronics 3-1376385-4 Datasheet HTML 27Page - Tyco Electronics 3-1376385-4 Datasheet HTML 28Page - Tyco Electronics 3-1376385-4 Datasheet HTML 29Page - Tyco Electronics 3-1376385-4 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
160
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Number of
Dimensions
Part Numbers
Circuits
E
F
Pin Housing (Cap)
Socket Housing (Plug)
UL94V-2 Nylon, Natural Color
6
.705
.610
1-480271-0
1-480270-01
17.90
15.49
8
.900
.805
1-480284-0
1-480283-01
22.86
20.45
10
1.095
1.000
1-480286-0
1-480285-01
27.81
25.4
12
1.290
1.195
1-480288-0
1-480287-0
32.77
30.35
16
1.680
1.585
1-480439-0
1-480438-0
42.67
40.26
1
Housing accepts double wire applications where individual insulation diame-
ters do not exceed .115 [2.92].
Note: All part numbers are RoHS Compliant.
Number of
A
Circuits
Dim.
6
.715
18.16
8
.910
23.11
10
1.105
28.07
12
1.300
33.02
16
1.690
42.93
Mounting Information
1. Recommended panel thickness
“E” is .040-.100 [1.02-2.54] and is
dependent on “T” and “R”.
2. The pin housing must be inserted
in a rocking manner.
3. The panel must be punched so
that the housing enters the panel
in the same direction as the
punch.
.585
[14.86]
A
A
E
R
T
Section A-A
A
.015
[.381]
All Corners
R Max.
Note: Motor mount housings may be used in
flat panels
Motor Mount, Positive Lock
.195
[4.95]
.785
[19.94]
.360
[9.14]
.930
[23.62]
.850
[21.59]
.725
[18.41]
E
F
Pin Housing (Cap)
Socket Housing (Plug)
Recommended
Panel Cutout for
Motor Mount
Pin Housing
View is from pin housing entry
side.
6, 8, 10, 12 and 16 Circuit,
Dual Row


Similar Part No. - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com