Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5985 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N5985
Description  Axial-Leaded 500 mW Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5985 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5985 Datasheet HTML 1Page - Microsemi Corporation 1N5985 Datasheet HTML 2Page - Microsemi Corporation 1N5985 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Axial-Leaded 500 mW Zener Diodes
S C O T TS DALE DIVISION
1N5985 thru 1N6031-1, e3 DO-35
GRAPHS
Microsemi
Scottsdale Division
Page 3
Copyright
© 2006
5-09-2006 REV B
TL Lead Temperature at 3/8” From Body
or TA on FR4 PC Board
FIGURE 1
POWER DERATING CURVE
FIGURE 2
CAPACITANCE vs. ZENER VOLTAGE
(TYPICAL)
PACKAGE DIMENSIONS
All dimensions in INCH
mm
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N5985

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N5985 NJSEMI-1N5985 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N5985A MICROSEMI-1N5985A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Similar Description - 1N5985

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6016A MICROSEMI-1N6016A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N5728B MICROSEMI-1N5728B_V01 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com