Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1TW101-7 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 1TW101-7
Description  Interactive Catalog Supplements Catalog PDFs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

1TW101-7 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  1TW101-7 Datasheet HTML 1Page - Honeywell Accelerometers 1TW101-7 Datasheet HTML 2Page - Honeywell Accelerometers 1TW101-7 Datasheet HTML 3Page - Honeywell Accelerometers 1TW101-7 Datasheet HTML 4Page - Honeywell Accelerometers 1TW101-7 Datasheet HTML 5Page - Honeywell Accelerometers 1TW101-7 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Manual Switches
TW Series
Miniature Toggle Switches
120
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
MOUNTING DIMENSIONS (For reference only)
Mounting detail for 14 bushing switches
Dimensions for 14 bushing switches
Without locking ring
With locking ring
Mounting detail for 1532 bushing switches
With locking ring
Without locking ring
Note:
1,1/.05 MIN. DEEP TO ACCOMMODATE LOCKING
RING.
FOR SWITCHES USING PANEL SEAL, DO NOT ALLOW THRU
HOLE MOUNTING.
Key:
0,0 = mm
0.00 = inches
Dimensions for 1532 switches
Standard toggle lever
Pull-to-unlock toggle lever
Bushing mounting
torque is 10–15 in./lbs.


Similar Description - 1TW101-7

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com