Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N65Z Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 6N65Z
Description  6.2A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N65Z Datasheet(HTML) 6 Page - Unisonic Technologies

  6N65Z Datasheet HTML 1Page - Unisonic Technologies 6N65Z Datasheet HTML 2Page - Unisonic Technologies 6N65Z Datasheet HTML 3Page - Unisonic Technologies 6N65Z Datasheet HTML 4Page - Unisonic Technologies 6N65Z Datasheet HTML 5Page - Unisonic Technologies 6N65Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6N65Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-734, C
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 6N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N65Z-Q UTC-6N65Z-Q Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZL-TF3-T UTC-6N65ZL-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
   6.2A 650V N-CHANNEL POWER MOSFET
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
   Single N-Channel, 30V, 6.2A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com