Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB33 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TB33
Description  .375 (9.52mm) Center-to-Center Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TB33 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TB33 Datasheet HTML 1Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 2Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 3Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 4Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 5Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 6Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 7Page - List of Unclassifed Manufacturers TB33 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
1-800-657-0853
Dimensions are in inches and millimeters
unless otherwise speci ed.
Values in parentheses are metric equivalents.
33
TERMINAL BLOCK JUMPERS
1500 – Jumper is constructed of plated brass. “Rooster
comb” design permits connections of two to 10 poles.
To order, specify: Part No. 278-A11 (plus no. of poles)
Example: 278A11-10
Part No. 68240100 (Holes) or 68245100 (slots)
(2-pole umper for 1500 only)
2000 – Plated brass in two styles. Types 267A28 is designed
to ump two ad acent terminals as it is channeled to cross
over the barrier top. “Rooster comb” design of Type 267A42
permits connections of two to 18 poles.
To order, specify: Part No. 267A42 (plus no. of poles)
Example: 267A42-18
COVERS
1500/2000 – Rigid .030" thick self-extinguishing vinyl.
Complete with spring clips for attaching to mounting positions.
To order, specify:
1500 Series – Part No. 247B24-1 thru 26 terminals
2000 Series – Part No. 247B25-1 thru 26 terminals
MARKING STRIPS
1500/2000 Pre-punched black ber . . . mounts under block.
May be imprinted to customer speci cations.
To order, specify:
1500 Series – Part No. 247A10-1 thru 22
2000 Series – Part No. 247A11-1 thru 22
WIRE CLAMP
1500/2000 – Wire clamp captivated to No.
6-32 screw eliminates need for lugs.
1500 Series – Part No. 058525700
2000 Series – Part No. 058526700
Part No. 68245100
Part No.
68240100


Similar Part No. - TB33

ManufacturerPart #DatasheetDescription
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
More results

Similar Description - TB33

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
   375 MHz Center Frequency
logo
Advanced Thermal Soluti...
ATS-61350K-C1-R0 ATS-ATS-61350K-C1-R0_17 Datasheet
304Kb / 1P
   Product hole pattern is 24 mm C-C (center to center)
REV4_0516
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
   CENTER TAP DIODES
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
   1.0mm center pin
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com