Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB15 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TB15
Description  .375 (9.52mm) Center-to-Center Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TB15 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TB15 Datasheet HTML 1Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 2Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 3Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 4Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 5Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 6Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 7Page - List of Unclassifed Manufacturers TB15 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
1-800-657-0853
Dimensions are in inches and millimeters
unless otherwise speci ed.
Values in parentheses are metric equivalents.
31
e
at o s:
Center-to-Center Spacing:
.4375" (11.11mm)
Wire Range:
Up to No. 10AWG (CSA requires use of lugs on
wire larger than No. 16AWG.)
No. of Terminals:
1 thru 26
Voltage Rating:
CSA – 300V
UL – 150V – General Industrial
250V – Commercial Appliance
300V – Limited Energy Industrial
Tightening Torque:
Wire Clamp and Wire Binding Screw 12
in.-lbs.
Current Rating:
UL: 30 amps CSA: 20 amps
Housing:
Material
Polyphenylene Oxide
Continuous Use
Temp. (UL Index)
110°C (230°F)
Flammability Rating
94V-0
Water Absorption
(24 hrs. % wt. gain)
.06%
Chemical Resistance
Resistant to inorganic bases
and acids. For organic
substances contact factory for
speci c resistance.
Breakdown Voltage:
Terminal - Terminal
4,400V Typ.
Terminal - Ground
7,700V Typ.
Note:
Speci cations contained herein are sub ect to change
without notice
Number of
Terminals
Mounting
Dimensions
Overall
Dimensions
Inches
Metric
(mm)
Inches
Metric
(mm)
1
.875
22.22
1.235
31.36
2
1.312
33.33
1.672
42.48
3
1.750
44.45
2.110
53.59
4
2.187
55.56
2.547
64.70
5
2.625
66.67
2.985
75.81
6
3.062
77.78
3.422
86.93
7
3.500
88.90
3.860
98.04
8
3.937 100.01
4.297 109.15
9
4.375 111.12
4.735 120.26
10
4.812 122.23
5.172 131.38
11
5.250 133.35
5.610 142.49
12
5.687 144.46
6.047 153.60
13
6.125 155.57
6.485 164.71
14
6.562 166.68
6.922 175.83
15
7.000 177.80
7.360 186.94
16
7.437 188.91
7.797 198.05
17
7.875 200.02
8.235 209.16
18
8.312 211.13
8.672 220.28
19
8.750 222.25
9.110 231.39
20
9.187 233.36
9.547 242.50
21
9.625 244.47
9.985 253.61
22
10.062 255.58 10.422 264.73
23
10.500 266.70 10.860 275.84
24
10.938 277.83 11.299 286.77
25
11.376 288.95 11.736 298.09
26
11.814 300.08 12.174 309.22
Dimensions Shown are ± 0.030"
How to Order
2000 Series terminal blocks are ordered by listing a
composite number made up of the model designation in which
the last two digits indicate the number of poles required for
the application. Example: A 2000 10-terminal block becomes
stock number 2010.
Suffixes are used as follows:
ST denotes double solder lug
3/4ST denotes single solder lug
Y denotes printed circuit pin
YSY solder pin
YWY wire wrap
W wire clamp
The 2010 described above, with double solder lug mounting
on 7/16" centers thus converts to stock number 2010-ST. To
specify quick-connect terminals, simply add the style number
required. (See accessories.) May be purchased factory-
assembled or as customer-installed accessory.
.437 Typ.
(11,11)
2-11 Terminals
.079 Dia. (No. 47 Drill)
12 Terminals and Over
T
T
.093 Dia. (No. 42 Drill)
PC BOARD DRILLING DIMENSIONS


Similar Part No. - TB15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
TB15 PETERMANN-TB15 Datasheet
66Kb / 1P
   HIGH RELIABILITY FOR LOW COST MICRO TUBULAR HOLDER
logo
Clare, Inc.
TB15.0 CLARE-TB15.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Diodes Incorporated
TB1500H DIODES-TB1500H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB1500H LITEON-TB1500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB1500H DIODES-TB1500H Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
More results

Similar Description - TB15

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
   375 MHz Center Frequency
logo
Advanced Thermal Soluti...
ATS-61350K-C1-R0 ATS-ATS-61350K-C1-R0_17 Datasheet
304Kb / 1P
   Product hole pattern is 24 mm C-C (center to center)
REV4_0516
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
   CENTER TAP DIODES
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
   1.0mm center pin
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com