Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1511-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1511-2
Description  SPLIT-TYPE (FORK) TURRETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1511-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1511-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
DOUBLE-ENDED TURRETS
SPLIT-TYPE (FORK) TURRETS
139
1515
1533
1526
1592
1510
1525
1507
Staking Tool Special Order
1557
Staking Tool No. TL-9
Staking Tool No. TL-9
L
.046 [1.17]
DIA.
.156 [4.0]
.062 [1.57]
DIA.
.025 [.64]
SLOT
.025 [.63]
DIA. THRU
.060 [1.52]
DIA.
.093 [2.36]
DIA.
.040 [1.02]
SLOT
.156 [4.0]
L
.043 [1.09]
DIA. THRU
M
.062 [1.57]
DIA.
.094 [2.39]
DIA.
L
.156 [4.0]
.043 [1.09]
DIA. THRU
.024 [.61]
.064 [1.63]
DIA.
.156 [4.0]
L
.093 [2.36]
DIA.
.030 [.76]
SLOT
.125 [3.2]
DIA.
.043 [1.09]
DIA. THRU
M
.035
[.89]
.090 [2.29]
DIA.
.243
[6.2]
L
.125 [3.2]
DIA.
KNURL
.063 [1.60]
DIA. THRU
.112 [2.84]
DIA.
.312
[7.9]
L
.050
[1.27]
KNURL
.081 [2.06]
DIA. THRU
.156 [3.96]
DIA.
.343
[8.7]
L
.032
[.81]
.112 [2.84]
DIA.
.070 [1.78]
DIA. THRU
.156 [3.96]
DIA.
KNURL
.375
[9.6]
L
.062 [1.57]
SLOT
.081 [2.06]
DIA. THRU
KNURL
.142 [3.61]
DIA.
.150 [3.81]
DIA.
.188 [4.78]
DIA.
Staking Tool 1515-TL
Staking Tool Special Order
Staking Tool No. TL-3
Staking Tool No. TL-2
Staking Tool No. TL-3
Staking Tool No. TL-9
CAT. NO.
L
1533-2
.084 (2.13)
1533-3
.115 (2.9)
1533-4
.147 (3.7)
CAT. NO.
L
1526-1
.054 (1.37)
1526-2
.084 (2.13)
1526-3
.115 (2.9)
1526-4
.147 (3.7)
CAT. NO.
L
1592-1
.051 (1.30)
1592-2
.082 (2.08)
1592-3
.113 (2.8)
1592-4
.145 (3.6)
CAT. NO.
L
1511-2
.109 (2.8)
1511-3
.141 (3.5)
1511-4
.172 (4.4)
CAT. NO.
L
1510-2
.109 (2.8)
1510-3
.141 (3.5)
1510-4
.172 (4.4)
CAT. NO.
L
1525-2
.109 (2.8)
1525-3
.141 (3.5)
1525-4
.172 (4.4)
CAT. NO.
L
1507-2
.109 (2.8)
1507-3
.141 (3.5)
1507-4
.172 (4.4)
CAT. NO.
L
1557-2
.109 (2.8)
1557-3
.141 (3.5)
1557-4
.172 (4.4)
CAT. NO.
L
1515-1
.058 (1.47)
1515-2
.089 (2.26)
1515-3
.120 (3.1)
1515-4
.150 (3.8)
.328
[8.4]
.188 [4.78]
DIA.
.051
[1.30]
.079 [2.01]
DIA. THRU
KNURL
L
.112 [2.84]
DIA.
SPECIAL
TURRET
TERMINALS
Custom turret terminals can
be machined to your exact
specifications. Standard and
special terminals can be staked
onto special boards. Please
email/fax your design to our
Engineering Department.
1562
1559
1633
1574
1540
1519
1613
1575
1582
1509
1583
1545
Staking Tool Special Order
Staking Tool No. TL-2
Staking Tool No. TL-2
Staking Tool No. TL-4
Staking Tool No. TL-4
Staking Tool No. TL-4
Staking Tool No. TL-4
Staking Tool No. TL-12
Staking Tool No. TL-8
Staking Tool No. TL-5
TUBULAR TURRETS
.125 [3.2]
L
.062 [1.57]
.156 [4.0]
.093 [2.36]
.043 [1.09]
DIA. THRU
.071 [1.80]
.097 [2.5]
L
.187 [4.8]
.043 [1.09]
DIA. THRU
.125 [3.2]
.061 [1.55]
.078 [1.98]
.032 [.81]
DIA.
.045 [1.14]
.140 [3.6]
.076 [1.93]
L
.093 [2.36]
.104 [2.7]
.072 [1.83]
.050 [1.27]
(2) PLS
L
.082 [2.08]
L
.090 [2.29]
.266 [6.8]
.120 [3.1]
.064 [1.63]
DIA. THRU
.156 [4.0]
.110 [2.8]
.140 [3.6]
.187 [4.8]
L
.188 [4.8]
.067 [1.70]
DIA. THRU
.050 [1.27]
(3) PLS
.062 [1.57]
.093 [2.36]
.082 [2.08]
.186 [4.7]
L
.072 [1.83]
.186 [4.7]
.082 [2.08]
.050 [1.27]
(3) PLS
L
.093 [2.36]
.187 [4.75]
.112 [2.84]
.312
[7.9]
.360
[9.2]
.145 [3.68]
(2) PLS
.082 [2.08]
(2) PLS
L
.164 [4.17]
.186 [4.72]
.072 [1.83]
L
.050 [1.27]
(4) PLS
.093 [2.36]
.187 [4.8]
L
.112 [2.9]
.312 [7.9]
.150 [3.8]
.078 [1.98]
DIA. THRU
.156 [4.0]
L
.078 [1.98]
.328 [8.4]
.109 [2.8]
.055 [1.40]
DIA. THRU
CAT. NO.
L
1509-1
.078 (1.98)
1509-2
.109 (2.8)
1509-3
.141 (3.5)
1509-4
.172 (4.4)
CAT. NO.
L
1562-1
.054 (1.37)
1562-2
.084 (2.13)
1562-3
.115 (2.9)
1562-4
.147 (3.7)
CAT. NO.
L
1559-1
.062 (1.57)
1559-2
.094 (2.39)
1559-3
.125 (3.2)
1559-4
.156 (3.9)
CAT. NO.
L
1633-1
.051 (1.30)
1633-2
.082 (2.08)
1633-3
.113 (2.8)
1633-4
.145 (3.6)
CAT. NO.
L
1574-1
.051 (1.30)
1574-2
.082 (2.08)
1574-3
.113 (2.8)
1574-4
.145 (3.6)
CAT. NO.
L
1540-2
.107 (2.7)
1540-3
.141 (3.5)
1540-4
.172 (4.4)
CAT. NO.
L
1519-1
.078 (1.98)
1519-2
.109 (2.8)
1519-3
.141 (3.5)
1519-4
.172 (4.4)
CAT. NO.
L
1613-1
.051 (1.30)
1613-2
.082 (2.08)
1613-3
.113 (2.8)
1613-4
.145 (3.6)
CAT. NO.
L
1575-1
.051 (1.30)
1575-2
.082 (2.08)
1575-3
.113 (2.8)
1575-4
.145 (3.6)
CAT. NO.
L
1582-1
.075 (1.91)
1582-2
.105 (2.7)
1582-3
.135 (3.4)
1582-4
.165 (4.2)
CAT. NO.
L
1583-1
.051 (1.30)
1583-2
.082 (2.08)
1583-3
.113 (2.8)
1583-4
.145 (3.6)
CAT. NO.
L
1545-2
.105 (2.7)
1545-3
.135 (3.4)
1545-4
.165 (4.2)
Staking Tool No. TL-8
1511
Staking Tool No. TL-5
M60Section8FREV1B1_11-2011 4/4/13 5:50PM Page139


Similar Part No. - 1511-2

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
1511-60133 SVMICROWAVE-1511-60133 Datasheet
93Kb / 1P
   SVK EF PLUG FOR Ø.047 CABLE
03/22
1511-80001 SVMICROWAVE-1511-80001 Datasheet
102Kb / 1P
   STR. M 2.92mm FOR STD FLEXTRA CABLE
REV. A DATE 04/22
More results

Similar Description - 1511-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1559-3 ETC2-1559-3 Datasheet
523Kb / 1P
   SPLIT-TYPE (FORK) TURRETS
logo
Mill-Max Mfg. Corp.
2113-2-00-44-00-00-07-0 MILL-MAX-2113-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
2348-2-00-01-00-00-07-0 MILL-MAX-2348-2-00-01-00-00-07-0 Datasheet
451Kb / 1P
   SOLDER TERMINAL TURRETS
logo
Keystone Electronics Co...
11511 KEYSTONE-11511 Datasheet
180Kb / 1P
   INSULATED THREADED TURRETS
5.03.07
logo
Mill-Max Mfg. Corp.
2316-3-00-80-00 MILL-MAX-2316-3-00-80-00 Datasheet
467Kb / 1P
   SOLDER TERMINAL TURRETS
2501-2-00-80-00 MILL-MAX-2501-2-00-80-00 Datasheet
385Kb / 1P
   SOLDER TERMINAL TURRETS
2551-2-00-80-00 MILL-MAX-2551-2-00-80-00 Datasheet
403Kb / 1P
   SOLDER TERMINAL TURRETS
logo
Keystone Electronics Co...
11502 KEYSTONE-11502 Datasheet
236Kb / 1P
   INSULATED THREADED TURRETS
5.03.07
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
   Split core type
logo
Mill-Max Mfg. Corp.
2108-2-00-44-00-00-07-0 MILL-MAX-2108-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com