Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M6813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 170M6813
Description  690V/700V (IEC/U.L.) 40-1000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170M6813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  170M6813 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M6813 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720017
Bussmann®
®
Square Body – DIN 43 620
690V/700V (IEC/U.L.)
40-1000A
Electrical Characteristics
Ordering Information
Curves
DIN
Rated
I2t (A2S)
Type T
Carton
Current
Clearing
Watts
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 660V
Loss
for Micro
Qty.
(kg)
BIF #
40
40
270
9
170M3808
50
77
515
11
170M3809
63
115
770
14
170M3810
80
185
1250
18
170M3811
100
360
2450
21
170M3812
125
550
3700
26
170M3813
1*
160
1100
7500
30
170M3814
5
1.85
17056314
200
2200
15000
35
170M3815
250
4200
28500
40
170M3816
315
7000
46500
50
170M3817
350
10000
68500
55
170M3818
400
15000
105000
60
170M3819
400
11000
74000
65
170M5808
450
15500
105000
70
170M5809
2
500
21500
145000
75
170M5810
550
28000
190000
80
170M5811
5
3.00
17056318
630
41000
275000
90
170M5812
700
60500
405000
95
170M5813
500
14000
95000
95
170M6808
550
19500
135000
100
170M6809
630
31000
210000
105
170M6810
3
700
44500
300000
110
170M6811
1
1.15
17056320
800
69500
465000
115
170M6812
900
100000
670000
120
170M6813
1000
140000
945000
125
170M6814
Interrupting rating 200kA (Estimated 300kA) RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Microswitch indicator ordered separately. See accessories on pages 58-59.
Rated Current
The rated current of this fuse range has been given with
copper conductors that have a current density of 1.3
A/mm2 (IEC 60269-4). For conductor cross section
according to IEC 60269-1, the fuses must be derated.
Please contact Bussmann for application assistance.
7-11-01
SB01191


Similar Part No. - 170M6813

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M6813 COOPER-170M6813 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
More results

Similar Description - 170M6813

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com