Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13003ADAL-T92-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 13003ADAL-T92-K
Description  NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13003ADAL-T92-K Datasheet(HTML) 3 Page - Unisonic Technologies

  13003ADAL-T92-K Datasheet HTML 1Page - Unisonic Technologies 13003ADAL-T92-K Datasheet HTML 2Page - Unisonic Technologies 13003ADAL-T92-K Datasheet HTML 3Page - Unisonic Technologies 13003ADAL-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13003ADA
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R223-016.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
9
V
Continuous Collector Current
IC
1.5
A
Power Dissipation (TC=25°C)
TO-251
PD
10
W
TO-126
20
W
TO-92
1
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-251
θJA
95
°C/W
TO-126
107
TO-92
150
Junction to Case
TO-251
θJC
13
°C/W
TO-126
7.5
TO-92
100
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=0.1mA, IE=0
700
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
450
V
Emitter-Base Breakdown Voltage
BVEBO
IE=0.1mA, IC=0
9
V
Collector Cut-Off Current
ICBO
VCB=700V, IE=0
100
μA
Collector-Emitter Cut-Off Current
ICEO
VCE=450V, IB=0
50
μA
Emitter-Base Cut-Off Current
IEBO
VEB=7V, IC=0
10
μA
DC Current Gain (Note)
hFE
VCE=5V, IC=5mA
6
40
VCE=10V, IC=200mA
8
40
VCE=5V, IC=1.5mA
4
Low current and high current hFE2 hFE1 ratio
hFE1/ hFE2
hFE1: VCE=5V, IC=5mA
0.75
0.8
hFE2: VCE=5V, IC=0.2A
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=0.5A, IB=0.1A
0.18
0.8
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=1.5A, IB=0.5A
0.9
20
V
Storage Time
tS
VCC=24V, IC=0.5A, IB1=-IB2=0.1A
4
μs
Rise Time
tR
μs
Fall Time
tF
0.7
μs
Transition Frequency
fT
VCE=10V, IC=0.2A
4
MHz
Note: Pulse test, pulse width tp≤300µs, Duty cycle≤2%.


Similar Part No. - 13003ADAL-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13003ADAL-T92-F-B UTC-13003ADAL-T92-F-B Datasheet
156Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003ADAL-T92-F-K UTC-13003ADAL-T92-F-K Datasheet
156Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
More results

Similar Description - 13003ADAL-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13003DF UTC-13003DF Datasheet
163Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13002AH UTC-13002AH Datasheet
144Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003DH UTC-13003DH Datasheet
172Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003EDA UTC-13003EDA Datasheet
146Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003DW UTC-13003DW Datasheet
172Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003BS UTC-13003BS Datasheet
170Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
3003BS UTC-3003BS Datasheet
150Kb / 3P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13003BDG UTC-13003BDG Datasheet
172Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION
13002AH UTC-13002AH_15 Datasheet
152Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
13003BS UTC-13003BS_15 Datasheet
162Kb / 4P
   NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com