Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG4-DC110V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HG4-DC110V
Description  20 AMP POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HG4-DC110V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HG4-DC110V Datasheet HTML 1Page - Panasonic Semiconductor HG4-DC110V Datasheet HTML 2Page - Panasonic Semiconductor HG4-DC110V Datasheet HTML 3Page - Panasonic Semiconductor HG4-DC110V Datasheet HTML 4Page - Panasonic Semiconductor HG4-DC110V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HG
TYPES AND COIL DATA
DC TYPES at 20
°C 68°F
AC TYPES (50/60 Hz) at 60 HZ, 20
°C 68°F
Notes:
Type
Part No.
Nominal coil
voltage, V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable,
V DC voltage
Coil
resistance,
Ω (±10%)
Nominal coil
current,
mA
Operating
power, W
HG2
(2 Form C)
HG2-DC6V
6
4.8
0.9
6.6
26.4
230
(approx.) 1.4
HG2-DC12V
12
9.6
1.8
13.2
100
119.6
(approx.) 1.4
HG2-DC24V
24
19.2
3.6
26.4
416
57.6
(approx.) 1.4
HG2-DC48V
48
38.4
7.2
52.8
1585
30.3
(approx.) 1.4
HG2-DC110V
110
88
16.5
121
7650
14.4
(approx.) 1.4
HG2-DC200V
200
160
20
220
27,800
7.2
(approx.) 1.4
HG3
(3 Form C)
HG3-DC6V
6
4.8
0.9
6.6
22.7
264
(approx.) 1.6
HG3-DC12V
12
9.6
1.8
13.2
89.5
134
(approx.) 1.6
HG3-DC24V
24
19.2
3.6
26.4
364
66
(approx.) 1.6
HG3-DC48V
48
38.4
7.2
52.8
1450
33.1
(approx.) 1.6
HG3-DC110V
110
88
16.5
121
6670
16.5
(approx.) 1.6
HG3-DC200V
200
160
20
220
23,800
8.4
(approx.) 1.6
HG4
(4 Form C)
HG4-DC6V
6
4.8
0.9
6.6
18.5
325
(approx.) 2.1
HG4-DC12V
12
9.6
1.8
13.2
71.4
168
(approx.) 2.1
HG4-DC24V
24
19.2
3.6
26.4
296
81.2
(approx.) 2.1
HG4-DC48V
48
38.4
7.2
52.8
1050
45.7
(approx.) 2.1
HG4-DC110V
110
88
16.5
121
5420
20.3
(approx.) 2.1
HG4-DC200V
200
160
20
220
15,500
12.9
(approx.) 2.1
Type
Part No.
Nominal coil
voltage,
V AC
Pick-up
voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Max.
allowable,
V AC voltage
Inductance,
H
Nominal coil
current,
mA
Operating
power,
VA
HG2
(2 Form C)
HG2-AC6V
6
4.8
1.8
6.6
0.026
600
(approx.) 3.6
HG2-AC12V
12
9.6
3.6
13.2
0.104
300
(approx.) 3.6
HG2-AC24V
24
19.2
7.2
26.4
0.416
150
(approx.) 3.6
HG2-AC48V
48
38.4
14.4
52.8
1.660
75
(approx.) 3.6
HG2-AC115V
115
92
34.5
126.5
9.531
31.3
(approx.) 3.6
HG2-AC220V
220
176
66
242
34.96
16.4
(approx.) 3.6
HG2-AC240V
240
192
72
264
41.68
15
(approx.) 3.6
HG3
(3 Form C)
HG3-AC6V
6
4.8
1.8
6.6
0.018
864
(approx.) 5.2
HG3-AC12V
12
9.6
3.6
13.2
0.073
432
(approx.) 5.2
HG3-AC24V
24
19.2
7.2
26.4
0.290
216
(approx.) 5.2
HG3-AC48V
48
38.4
14.4
52.8
1.163
108
(approx.) 5.2
HG3-AC115V
115
92
34.5
126.5
6.648
45.2
(approx.) 5.2
HG3-AC220V
220
176
66
242
24.26
23.6
(approx.) 5.2
HG3-AC240V
240
192
72
264
29.06
21.6
(approx.) 5.2
HG4
(4 Form C)
HG4-AC6V
6
4.8
1.8
6.6
0.012
1264
(approx.) 7.6
HG4-AC12V
12
9.6
3.6
13.2
0.050
632
(approx.) 7.6
HG4-AC24V
24
19.2
7.2
26.4
0.199
316
(approx.) 7.6
HG4-AC48V
48
38.4
14.4
52.8
0.795
158
(approx.) 7.6
HG4-AC115V
115
92
34.5
126.5
4.557
66.1
(approx.) 7.6
HG4-AC220V
220
176
66
242
16.89
34
(approx.) 7.6
HG4-AC240V
240
192
72
264
19.87
31.6
(approx.) 7.6
TYPICAL APPLICATIONS
Industrial machinery, machine tools, food
processing and packing machines, office
machines, transportation equipment and
amusement devices.
ORDERING INFORMATION
Ex.
HG
2
AC 240 V
Contact arrangement
(Note) Standard packing Carton: HG2 20 pcs.
HG3, HG4 10 pcs.
UL/CSA approved type is standard.
2: 2 Form C
3: 3 Form C
4: 4 Form C
Coil voltage
AC 6, 12, 24, 48, 115, 220, 240 V
DC 6, 12, 24, 48, 110, 200 V
Case: HG2 100 pcs.
HG3, HG4 50 pcs.
1. The coil current ranges is
±15% for AC (60 Hz), ±10% for DC (20°C 68°F).
2. These relays are applicable to a range of 80% to 110% of the nominal coil voltage.
However, it is recommended that the relay be used in a range of 85% to 110% of the
nominal coil voltage, taking the temporary voltage variation into consideration. For
AC types, when operating voltage is 70% of nominal coil voltage, “buzzing” will
occur, and a large amount of current will flow, burning the coil.
3. Each coil resistance of DC types is the measured value at coil temperature of
20
°C 68°F. Please compensate the coil resistance by ±0.4%, each time the coil
temperature changes by
±1°C.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HG4-DC110V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HG4-DC110V-F PANASONIC-HG4-DC110V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
More results

Similar Description - HG4-DC110V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760 Datasheet
47Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com