Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG4-AC6V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HG4-AC6V
Description  20 AMP POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HG4-AC6V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HG4-AC6V Datasheet HTML 1Page - Panasonic Semiconductor HG4-AC6V Datasheet HTML 2Page - Panasonic Semiconductor HG4-AC6V Datasheet HTML 3Page - Panasonic Semiconductor HG4-AC6V Datasheet HTML 4Page - Panasonic Semiconductor HG4-AC6V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HG
SPECIFICATIONS
Electrical life with DC load
Note: For DC inductive load, use of an arc extinguishing circuit is recommended.
20 AMP POWER RELAY
HG RELAYS
DC load
Voltage, V DC
Current, A
Expected life (min. operations)
Resistive
24
15
5
×105
125
0.8
5
×105
Inductive (L/R ] 7 ms)
24
10
5
×105
125
0.4
5
×105
36
1.417
56
2.205
a
mm inch
a
HG2
34.0 1.339
HG3
50.0 1.969
HG4
68.0 2.667
FEATURES
• Large capacity — 20 A 250 V AC resistive and 1.5 kW 3 phase
220 V AC motor loads
• High contact reliability after long use
• Usable with direct soldering,
quick-connect and plug-in terminals. (.250)
Contacts
Expected life (min. operations)
Life curve for AC types
Characteristics (at 60 Hz, 20
°C 68°F)
Arrangement
2 Form C, 3 Form C, 4 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
15 m
Contact material
Silver alloy
Nominal switching capacity
20 A 250 V AC (resistive)
Min. switching capacity#1
100 mA, 5 V DC
Mechanical (at 180 cpm)
AC type: 107, DC type: 106
510
15
20
0
100
200
300
400
500
600
700
800
900
1,000
Load current, A
125 V AC
cosϕ = 1
0
V AC
cosϕ = 1
Mechanical life : 10
7
Operating frequency:
180 op./min.
Maximum operating speed
20 cpm
Initial insulation resistance*1
Min. 100 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
2,000 Vrms for 1 min.
Between contacts sets
2,000 Vrms for 1 min.
Between contacts and coil
2,000 Vrms for 1 min.
Operate time*3 (approx.)
(at nominal voltage)
2 Form C type
Max. 30 ms
3 Form C &
4 Form C type
Max. 40 ms
Release time
(without diode)*3 (approx.)
(at nominal voltage)
2 Form C type
Max. 30 ms
3 Form C &
4 Form C type
Max. 40 ms
Shock resistance
Functional*4
98 m/s2 {10 G} (except for the
contact moving direction)
Destructive*5
980 m/s2 {100 G}
Vibration resistance
Functional*6
10 to 55 Hz
at 1 mm double amplitude
Destructive
10 to 55 Hz
at 2 mm double amplitude
Conditions for operation,
transport and storage*7
(Not freezing and condensing at
low temperature)
Ambient
temp.
–50
°C to +40°C
–58
°F to +104°F
Humidity
5 to 85% R.H.
Unit weight
2 Form C type
Approx. 130 g 4.59 oz
3 Form C type
Approx. 185 g 6.53 oz
4 Form C type
Approx. 240 g 8.47 oz
#1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the
actual load.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section
*2 Detection current: 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 6. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT
Electrical life with AC load
AC load
Voltage, V AC
Current, A
Expected life
(min. operations)
Resistive
(cos
ϕ ] 1)
125
20
5
×105
15
7.5
×105
250
20
2
×105
15
5
×105
10
7.5
×105
Inductive
(cos
ϕ ] 0.4)
125
15
2
×105
10
5
×105
250
10
2
×105
7.5
5
×105
AC load
Voltage, V AC
Capacity, kW
Expected life
(min. operations)
Lamp
125
0.5
2
×105
0.3
5
×105
Motor
Single
phase
125
0.75
2
×105
0.4
5
×105
250
0.75
2
×105
0.4
5
×105
Three
phase
250
1.5
2
×105
0.75
5
×105
Note: In case of an electromagnet or exiting coil load (solenoid, etc.), the value of the motor or lamp load is applicable.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HG4-AC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HG4-AC100V-F PANASONIC-HG4-AC100V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG4-AC115V-F PANASONIC-HG4-AC115V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG4-AC200V-F PANASONIC-HG4-AC200V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG4-AC220V-F PANASONIC-HG4-AC220V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
HG4-AC240V-F PANASONIC-HG4-AC240V-F Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
More results

Similar Description - HG4-AC6V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760 Datasheet
47Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com