Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5203-1 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5203-1
Description  3A Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5203-1 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5203-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5203-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
030
60
45
TA(
°C)
55
65
75
90
120
Adjust Pin Current vs. Temperature
Typical Performance Characteristics: continued
+200
0
-200
-200
3
0
0
5
10
1
Time (
ms)
DVOUT
(mV)
I(A)
VIN = 5V
VOUT = 3.3V
CIN = 100mF
COUT = 10mF Tantalum
70.00
68.50
67.00
65.50
64.00
62.50
61.00
59.50
58.00
56.50
55.00
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
IOUT (A)
Transient Response
Adjust Pin Current vs Output Current
6.00
5.00
4.00
3.00
2.00
1.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
VIN-VOUT (V)
Short Circuit Current vs VIN-VOUT
54.00
62.00
66.00
68.00
1.00
2.00
6.00
8.00
VIN - VOUT (V)
64.00
60.00
56.00
58.00
7.00
3.00
4.00
5.00
T
CASE = 0°C
T
CASE = 25°C
T
CASE = 125°C
Adjust Pin Current vs. VIN -VOUT


Similar Part No. - CS5203-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1GDP3 ONSEMI-CS5203-1GDP3 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1GDPR3 ONSEMI-CS5203-1GDPR3 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1GT3 ONSEMI-CS5203-1GT3 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results

Similar Description - CS5203-1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com